Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8600 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8600
Description  16-Channel, 8-Bit Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8600 Datasheet(HTML) 4 Page - Analog Devices

  AD8600 Datasheet HTML 1Page - Analog Devices AD8600 Datasheet HTML 2Page - Analog Devices AD8600 Datasheet HTML 3Page - Analog Devices AD8600 Datasheet HTML 4Page - Analog Devices AD8600 Datasheet HTML 5Page - Analog Devices AD8600 Datasheet HTML 6Page - Analog Devices AD8600 Datasheet HTML 7Page - Analog Devices AD8600 Datasheet HTML 8Page - Analog Devices AD8600 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
–4–
AD8600
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Units
INTERFACE TIMING
1, 2
Clock (EN) Frequency
fCLK
Data Loading
12.5
MHz
Clock (EN) High Pulse Width
tCH
40
ns
Clock (EN) LowPulse Width
tCL
40
ns
Data Setup Time
tDS
40
ns
Data Hold Time
tDH
10
ns
Address Setup Time
tAS
0ns
Address Hold Time
tAH
0ns
Valid Address to Data Valid
tAD
160
ns
Load Enable Setup Time
tLS
0ns
Load Enable Hold Time
tLH
0ns
Read/Write to Clock (EN)tRWC
30
ns
Read/Write to DataBus Hi-Z
tRWZ
120
ns
Read/Write to DataBus Active
tRWD
120
ns
Clock (EN) to Read/Write
tTWH
0ns
Clock (EN) to Chip Select
tTCH
0ns
Chip Select to Clock (EN)tCSC
30
ns
Chip Select to Data Valid
tCSD
120
ns
Chip Select to DataBus Hi-Z
tCSZ
150
ns
Reset Pulse Width
tRS
25
ns
NOTES
1Guaranteed by design not subject to production test.
2All logic input signals have maximum rise and fall times of 2 ns.
Specifications subject to change without notice.
Figure 3. Readback Timing
Figure 2. Write Timing
(@ VDD1 = VDD2 = VCC = +5 V
± 5%, V
EE = –5 V, VREF = +3.500 V, – 40
°C ≤ T
A
≤ +85°C,
unless otherwise noted)
tRWZ
tDH
tTWH
HIGH-Z
tAS
tAH
tCH
tCL
tTCH
R/W
DATA
ADDR
EN
CS
tCSC
tRWC
tDS
Figure 4. Write to DAC Register & Voltage Output Settling
Timing (CS= High, Prevents Input Register Changes)
tLS
tLH
tS1
tRS
OUT
tS1
EN
RS
LD
tRWD
HIGH -Z
tAD
tCSZ
tCSD
R/W
DATA
ADDR
EN
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com