Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8601 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8601
Description  Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8601 Datasheet HTML 2Page - Analog Devices AD8601 Datasheet HTML 3Page - Analog Devices AD8601 Datasheet HTML 4Page - Analog Devices AD8601 Datasheet HTML 5Page - Analog Devices AD8601 Datasheet HTML 6Page - Analog Devices AD8601 Datasheet HTML 7Page - Analog Devices AD8601 Datasheet HTML 8Page - Analog Devices AD8601 Datasheet HTML 9Page - Analog Devices AD8601 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8601/AD8602
–6–
REV. 0
40
125
20
65
25
10
5
35
50
80
95
110
TEMPERATURE – C
300
250
0
200
150
100
50
VS = 3V
TPC 7. Input Bias Current vs. Temperature
40
125
20
65
25
10
5
35
50
80
95
110
TEMPERATURE – C
300
250
0
200
150
100
50
VS = 5V
TPC 8. Input Bias Current vs. Temperature
COMMON-MODE VOLTAGE – V
5
0
4.0
2.0
2.5
3.0
3.5
2
1
3
VS = 5V
TA = 25 C
4
0
0.5
1.0
1.5
4.5
5.0
TPC 9. Input Bias Current vs. Common-Mode Voltage
40
125
20
65
25
10
5
35
50
80
95
110
TEMPERATURE – C
30
25
0
20
15
10
5
VS = 3V
TPC 10. Input Offset Current vs. Temperature
40
125
20
65
25
10
5
35
50
80
95
110
TEMPERATURE – C
30
25
0
20
15
10
5
VS = 5V
TPC 11. Input Offset Current vs. Temperature
LOAD CURRENT – mA
10k
10
0.1
0.001
100
0.01
0.1
1
10
1
100
SOURCE
SINK
1k
VS = 2.7V
TA = 25 C
TPC 12. Output Voltage to Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com