Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8601 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8601
Description  Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8601 Datasheet HTML 6Page - Analog Devices AD8601 Datasheet HTML 7Page - Analog Devices AD8601 Datasheet HTML 8Page - Analog Devices AD8601 Datasheet HTML 9Page - Analog Devices AD8601 Datasheet HTML 10Page - Analog Devices AD8601 Datasheet HTML 11Page - Analog Devices AD8601 Datasheet HTML 12Page - Analog Devices AD8601 Datasheet HTML 13Page - Analog Devices AD8601 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8601/AD8602
–10–
REV. 0
40
125
20
65
25
10
5
35
50
80
95
110
TEMPERATURE – C
1.2
1.0
0
0.8
0.6
0.4
0.2
VS = 5V
TPC 31. Supply Current per Amplifier vs. Temperature
40
125
20
65
25
10
5
35
50
80
95
110
TEMPERATURE – C
1.0
0.8
0
0.6
0.4
0.2
VS = 3V
TPC 32. Supply Current per Amplifier vs. Temperature
SUPPLY VOLTAGE – V
0.8
0
0.7
0.4
0.3
0.2
0.1
0.6
0.5
0
6
12
3
4
5
TPC 33. Supply Current per Amplifier vs. Supply Voltage
FREQUENCY – Hz
0.1
0.0001
0.001
0.01
20
20k
100
1k
10k
VS = 5V
TA = 25 C
RL = 600
RL = 2k
RL = 10k
RL = 10k
RL = 2k
RL = 600
G = 10
G = 1
TPC 34. Total Harmonic Distortion + Noise vs. Frequency
VS = 2.7V
TA = 25 C
FREQUENCY – kHz
0
0
5
10
15
20
25
8
16
24
32
40
48
56
64
TPC 35. Voltage Noise Density vs. Frequency
VS = 2.7V
TA = 25 C
FREQUENCY – kHz
0
0
0.5
1.0
1.
5
2.0
2.5
26
52
78
104
130
156
182
208
TPC 36. Voltage Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com