Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8601 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8601
Description  Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8601 Datasheet HTML 8Page - Analog Devices AD8601 Datasheet HTML 9Page - Analog Devices AD8601 Datasheet HTML 10Page - Analog Devices AD8601 Datasheet HTML 11Page - Analog Devices AD8601 Datasheet HTML 12Page - Analog Devices AD8601 Datasheet HTML 13Page - Analog Devices AD8601 Datasheet HTML 14Page - Analog Devices AD8601 Datasheet HTML 15Page - Analog Devices AD8601 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8601/AD8602
–12–
REV. 0
TIME – 400ns/DIV
VS = 5V
RL = 10k
CL = 200pF
AV = 1
TA = 25 C
TPC 43. Large Signal Transient Response
TIME – 400ns/DIV
VS = 2.7V
RL = 10k
CL = 200pF
AV = 1
TA = 25 C
TPC 44. Large Signal Transient Response
TIME – 2.0 s/DIV
VS = 2.7V
RL = 10k
AV = 1
TA = 25 C
VIN
VOUT
TPC 45. No Phase Reversal
TIME – 2.0 s/DIV
VS = 5V
RL = 10k
AV = 1
TA = 25 C
VIN
VOUT
TPC 46. No Phase Reversal
TIME – 100ns/DIV
+0.1%
ERROR
VOUT
0.1%
ERROR
VIN
VIN TRACE – 0.5V/DIV
VOUT TRACE – 10mV/DIV
VS = 5V
RL = 10k
VO = 2V p-p
TA = 25 C
TPC 47. Settling Time
SETTLING TIME – ns
2.0
2.0
1.5
0
0.5
1.0
1.5
1.0
0.5
300
600
350
400
450
500
550
0.1%
0.01%
0.01%
0.1%
VS = 2.7V
TA = 25 C
TPC 48. Output Swing vs. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com