Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9801 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9801
Description  CCD Signal Processor For Electronic Cameras
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9801 Datasheet(HTML) 5 Page - Analog Devices

  AD9801 Datasheet HTML 1Page - Analog Devices AD9801 Datasheet HTML 2Page - Analog Devices AD9801 Datasheet HTML 3Page - Analog Devices AD9801 Datasheet HTML 4Page - Analog Devices AD9801 Datasheet HTML 5Page - Analog Devices AD9801 Datasheet HTML 6Page - Analog Devices AD9801 Datasheet HTML 7Page - Analog Devices AD9801 Datasheet HTML 8Page - Analog Devices AD9801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD9801
–5–
REV. 0
EQUIVALENT INPUT CIRCUITS
DVDD
DRVDD
DVSS
DRVSS
Figure 1. Pins 2–11 (DB0–DB9)
DVDD
DSUBST
DVSS
200
Ω
Figure 2. Pin 21 (SHP) and Pin 22 (SHD)
DVDD
DSUBST
DVSS
200
Ω
ADVDD
ADVSS
9.3k
Ω
Figure 3. Pin 16 (ADCCLK)
Figure 4. Pin 37 (CMLEVEL)
ACVDD
SUBST
DVSS
200
Ω
Figure 5. Pin 25 (CCDBYP2) and Pin 28 (CCDBYP1)
ACVDD
SUBST
ACVSS
50
Ω
10pF
Figure 6. Pin 26 (DIN) and Pin 27 (PIN)
ACVDD
SUBST
ACVDD
1k
Ω
8k
Ω
8k
Ω
10k
Ω
PGACONT1
PGACONT2
Figure 7. Pin 29 (PGACONT1) and Pin 30 (PGACONT2)
ACVSS
SUBST
ACVSS
5.25k
Ω
10k
Ω
30k
Ω
50
Ω
Figure 8. Pin 32 (CLAMP BIAS)
ACVDD
SUBST
ADVSS
Figure 9. Pin 48 (VRT) and Pin 47 (VRB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com