Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9801 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9801
Description  CCD Signal Processor For Electronic Cameras
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9801 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9801 Datasheet HTML 4Page - Analog Devices AD9801 Datasheet HTML 5Page - Analog Devices AD9801 Datasheet HTML 6Page - Analog Devices AD9801 Datasheet HTML 7Page - Analog Devices AD9801 Datasheet HTML 8Page - Analog Devices AD9801 Datasheet HTML 9Page - Analog Devices AD9801 Datasheet HTML 10Page - Analog Devices AD9801 Datasheet HTML 11Page - Analog Devices AD9801 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD9801
–10–
REV. 0
APPLICATION INFORMATION
Generating Clock Signals
For best performance, the AD9801 should be driven by 3 V
logic levels. As shown in the Equivalent Input Circuits, the use
of 5 V logic for ADCCLK will turn on the protection diode to
DVDD, increasing the current flow into this pin. As a result,
noise and power dissipation will increase. The CDS clock inputs,
SHP and SHD, have additional protection and can withstand
direct 5 V levels.
External clamping diodes or resistor dividers can be used to
translate 5 V levels to 3 V levels, but the lowest power dissipa-
tion is achieved with a logic transceiver chip. National Semi-
conductor’s 74LVX4245 provides a 5 V to 3 V level shift for up
to eight clock signals, and features a three-state option and low
power consumption. Philips Semiconductor and Quality also
manufacture similar devices.
Digitally Programmable Gain Control
The AD9801’s PGA is controlled by an analog input voltage of
0.3 V to 2.7 V. In some applications, digital gain control is
preferable. Figure 21 shows a circuit using Analog Devices’
AD8402 Digital Potentiometer to generate the PGA control
voltage. The AD8402 functions as two individual potentiom-
eters, with a serial digital interface to program the position of
each wiper over 256 positions. The device will operate with 3 V
or 5 V supplies, and features a power-down mode and a reset
function.
To keep external components to a minimum, the ends of the
“potentiometers” can be tied to ground and +3 V. One pot is
used for the coarse gain adjust, PGACONT1, with steps of
about 0.2 dB/LSB. The other pot is used for fine gain control,
PGACONT2, and is capable of around 0.01 dB steps if all
eight bits are used. The two outputs should be filtered with 1
µF
or larger capacitors to minimize noise into the PGACONT pins
of the AD9801.
The disadvantage of this circuit is that the control voltage
will be supply dependent. If additional precision is required,
an external op amp can be used to amplify the VREFT (1.75 V)
or VREFB (1.25 V) pins on the AD9801 to the desired voltage
level. These reference voltages are stable over the operating
supply range of the AD9801. Low power, low cost, rail-to-rail
output amplifiers such as the AD820, OP150 and OP196 are
specified for 3 V operation. Alternatively, a precision voltage
1
2
3
4
7
6
5
AD8402-10
14
13
12
11
10
9
8
+3V
+3V
CS
SDI CLK
SHDN
RS
1µF
PGACONT2
1µF
0.1µF
+3V
PGACONT1
Figure 21. Digital Control of PGA
reference may be used. The REF193 from Analog Devices
features low power, low dropout performance, maintaining a
3 V output with a minimum 3.1 V supply when lightly loaded.
Power and Grounding Recommendations
The AD9801 should be treated as an analog component when
used in a system. The same power supply and ground plane
should be used for all of the pins. In a two-ground system, this
requires that the digital supply pins be decoupled to the analog
ground plane and the digital ground pins be connected to
analog ground for best noise performance. If any pins on the
AD9801 are connected to the system digital ground, noise can
capacitively couple inside the AD9801 (through package and die
parasitics) from the digital circuitry to the analog circuitry.
Separate digital supplies can be used, particularly if slightly
different driver supplies are needed, but the digital power pins
should still be decoupled to the same point as the digital ground
pins (analog ground plane). If the AD9801 digital outputs need
to drive a bus or substantial load, a buffer should be used at the
AD9801’s outputs, with the buffer referenced to system digital
ground. In some cases, when system digital noise is not
substantial, it is acceptable to split the ground pins on the
AD9801 to separate analog and digital ground planes. If this is
done, be sure to connect the ground pins together at the
AD9801.
To further improve performance, isolating the driver supply
DRVDD from DVDD with a ferrite bead can help reduce
kickback effects during major code transitions. Alternatively,
the use of damping resistors on the digital outputs will reduce
the output risetimes, reducing the kickback effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com