Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9801 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9801
Description  CCD Signal Processor For Electronic Cameras
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9801 Datasheet(HTML) 1 Page - Analog Devices

  AD9801 Datasheet HTML 1Page - Analog Devices AD9801 Datasheet HTML 2Page - Analog Devices AD9801 Datasheet HTML 3Page - Analog Devices AD9801 Datasheet HTML 4Page - Analog Devices AD9801 Datasheet HTML 5Page - Analog Devices AD9801 Datasheet HTML 6Page - Analog Devices AD9801 Datasheet HTML 7Page - Analog Devices AD9801 Datasheet HTML 8Page - Analog Devices AD9801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9801
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
CCD Signal Processor
For Electronic Cameras
FUNCTIONAL BLOCK DIAGRAM
SHP
AD9801
PGA
PGACONT1 PGACONT2
CLAMP
CLPDM
CDS
PBLK
PIN
DIN
SHD ADCCLK
TIMING
GENERATOR
23
29
30
19
21
22
16
27
26
37
48
47
18
CMLEVEL VRT VRB STBY
REFERENCE
S/H
20
CLPOB
CLAMP
A/D
2
11
DOUT
33
ACVDD
43
ADVDD
17
DVDD
12 DRVDD
10
FEATURES
10-Bit, 18 MSPS A/D Converter
18 MSPS Full-Speed CDS
Low Noise, Wideband PGA
Internal Voltage Reference
No Missing Codes Guaranteed
+3 V Single Supply Operation
Low Power CMOS: 185 mW
48-Pin TQFP Package
PRODUCT DESCRIPTION
The AD9801 is a complete CCD signal processor developed for
electronic cameras. It is well suited for both video conferencing
and consumer level still camera applications.
The signal processing chain is comprised of a high speed CDS,
variable gain PGA and 10-bit ADC. Required clamping
circuitry and an onboard voltage reference are also provided.
The AD9801 operates from a single +3 V supply with a typical
power consumption of 185 mW.
The AD9801 is packaged in a space saving 48-pin thin-quad
flatpack (TQFP) and is specified over an operating temperature
range of 0
°C to +70°C.
PRODUCT HIGHLIGHTS
1. On-Chip Input Clamp and CDS
Clamp circuitry and high speed correlated double sampler
allow for simple ac coupling to interface a CCD sensor at full
18 MSPS conversion rate.
2. On-Chip PGA
The AD9801 includes a low noise, wideband amplifier with
analog variable gain from 0 dB to 31.5 dB (linear in dB).
3. 10-Bit, High Speed A/D Converter
A linear 10-bit ADC is capable of digitizing CCD signals at
the full 18 MSPS conversion rate. (Typical DNL is
±0.5 LSB
and no missing code performance is guaranteed.)
4. Low Power
At 185 mW, the AD9801 consumes a fraction of the power of
presently available multichip solutions. The part’s power-
down mode (15 mW) further enhances its desirability in low
power, battery operated applications.
5. Digital I/O Functionality
The AD9801 offers three-state digital output control.
6. Small Package
Packaged in a 48-pin, surface-mount thin-quad flatpack, the
AD9801 is well suited to very tight, low headroom designs.


Similar Part No. - AD9801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9801 AD-AD9801_15 Datasheet
269Kb / 12P
CCD Signal Processor For Electronic Cameras
REV. 0
More results

Similar Description - AD9801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9802 AD-AD9802 Datasheet
366Kb / 20P
CCD Signal Processor For Electronic Cameras
REV.0
AD9803 AD-AD9803 Datasheet
179Kb / 19P
CCD Signal Processor For Electronic Cameras
REV.0
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Analog Devices
AD9801 AD-AD9801_15 Datasheet
269Kb / 12P
CCD Signal Processor For Electronic Cameras
REV. 0
AD9802 AD-AD9802_15 Datasheet
300Kb / 20P
CCD Signal Processor For Electronic Cameras
REV. 0
AD9803 AD-AD9803_15 Datasheet
182Kb / 19P
CCD SIGNAL PROCESSOR FOR ELECTRONIC CAMERAS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com