Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9883 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9883
Description  110 MSPS Analog Interface for Flat Panel Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9883 Datasheet HTML 3Page - Analog Devices AD9883 Datasheet HTML 4Page - Analog Devices AD9883 Datasheet HTML 5Page - Analog Devices AD9883 Datasheet HTML 6Page - Analog Devices AD9883 Datasheet HTML 7Page - Analog Devices AD9883 Datasheet HTML 8Page - Analog Devices AD9883 Datasheet HTML 9Page - Analog Devices AD9883 Datasheet HTML 10Page - Analog Devices AD9883 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
AD9883
–7–
CLAMP
External Clamp Input
This logic input may be used to define the
time during which the input signal is clamped
to ground. It should be exercised when the
reference dc level is known to be present on
the analog input channels, typically during the
back porch of the graphics signal. The CLAMP
pin is enabled by setting control bit Clamp
Function to 1, (register 0FH, Bit 7, default is
0). When disabled, this pin is ignored and the
clamp timing is determined internally by count-
ing a delay and duration from the trailing edge
of the HSYNC input. The logic sense of this pin
is controlled by Clamp Polarity register 0FH,
Bit 6. When not used, this pin must be grounded
and Clamp Function programmed to 0.
COAST
Clock Generator Coast Input (Optional)
This input may be used to cause the pixel
clock generator to stop synchronizing with
Hsync and continue producing a clock at its
current frequency and phase. This is useful
when processing signals from sources that fail
to produce horizontal sync pulses during the
vertical interval. The COAST signal is gener-
ally NOT required for PC-generated signals.
The logic sense of this pin is controlled by
Coast Polarity, (register 0FH, Bit 3).
When not used, this pin may be grounded
and Coast Polarity programmed to 1, or tied
HIGH (to VD through a 10 k
Ω resistor) and
Coast Polarity programmed to 0. Coast
Polarity defaults to 1 at power-up.
REF BYPASS
Internal Reference BYPASS
Bypass for the internal 1.25 V bandgap ref-
erence. It should be connected to ground
through a 0.1
µF capacitor.
The absolute accuracy of this reference is
±4%,
and the temperature coefficient is
±50 ppm,
which is adequate for most AD9883 applica-
tions. If higher accuracy is required, an external
reference may be employed instead.
MIDSCV
Midscale Voltage Reference BYPASS
Bypass for the internal midscale voltage refer-
ence. It should be connected to ground through
a 0.1
µF capacitor. The exact voltage varies
with the gain setting of the BLUE channel.
FILT
External Filter Connection
For proper operation, the pixel clock generator
PLL requires an external filter. Connect the
filter shown in Figure 6 to this pin. For optimal
performance, minimize noise and parasitics on
this node.
Power Supply
VD
Main Power Supply
These pins supply power to the main elements
of the circuit. They should be as quiet and
filtered as possible.
VDD
Digital Output Power Supply
A large number of output pins (up to 25)
switching at high speed (up to 110 MHz)
generates a lot of power supply transients
(noise). These supply pins are identified sepa-
rately from the VD pins so special care can be
taken to minimize output noise transferred
into the sensitive analog circuitry.
If the AD9883 is interfacing with lower-voltage
logic, VDD may be connected to a lower supply
voltage (as low as 2.5 V) for compatibility.
PVD
Clock Generator Power Supply
The most sensitive portion of the AD9883 is
the clock generation circuitry. These pins
provide power to the clock PLL and help the
user design for optimal performance. The
designer should provide “quiet,” noise-free
power to these pins.
GND
Ground
The ground return for all circuitry on chip. It
is recommended that the AD9883 be assembled
on a single solid ground plane, with careful
attention to ground current paths.
DESIGN GUIDE
General Description
The AD9883 is a fully integrated solution for capturing analog
RGB signals and digitizing them for display on flat panel moni-
tors or projectors. The circuit is ideal for providing a computer
interface for HDTV monitors or as the front-end to high-
performance video scan converters.
Implemented in a high-performance CMOS process, the inter-
face can capture signals with pixel rates of up to 110 MHz.
The AD9883 includes all necessary input buffering, signal dc
restoration (clamping), offset and gain (brightness and contrast)
adjustment, pixel clock generation, sampling phase control, and
output data formatting. All controls are programmable via a
2-wire serial interface. Full integration of these sensitive analog
functions makes system design straightforward and less sensitive
to the physical and electrical environment.
With a typical power dissipation of only 500 mW and an operat-
ing temperature range of 0
°C to 70°C, the device requires no
special environmental considerations.
Digital Inputs
All digital inputs on the AD9883 operate to 3.3 V CMOS levels.
However, all digital inputs are 5 V tolerant. (Applying 5 V to
them will not cause any damage.)
Input Signal Handling
The AD9883 has three high-impedance analog input pins for
the Red, Green, and Blue channels. They will accommodate
signals ranging from 0.5 V to 1.0 V p-p.
Signals are typically brought onto the interface board via a
DVI-I connector, a 15-pin D connector, or via BNC connectors.
The AD9883 should be located as close as practical to the input
connector. Signals should be routed via matched-impedance
traces (normally 75
Ω) to the IC input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com