Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9883 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9883
Description  110 MSPS Analog Interface for Flat Panel Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883 Datasheet(HTML) 1 Page - Analog Devices

  AD9883 Datasheet HTML 1Page - Analog Devices AD9883 Datasheet HTML 2Page - Analog Devices AD9883 Datasheet HTML 3Page - Analog Devices AD9883 Datasheet HTML 4Page - Analog Devices AD9883 Datasheet HTML 5Page - Analog Devices AD9883 Datasheet HTML 6Page - Analog Devices AD9883 Datasheet HTML 7Page - Analog Devices AD9883 Datasheet HTML 8Page - Analog Devices AD9883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9883
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
110 MSPS Analog Interface for
Flat Panel Displays
FUNCTIONAL BLOCK DIAGRAM
RAIN
ROUTA
GAIN
GOUTA
BAIN
BOUTA
MIDSCV
SYNC
PROCESSING
AND CLOCK
GENERATION
HSYNC
COAST
CLAMP
FILT
DTACK
HSOUT
VSOUT
SOGOUT
REF
REF
BYPASS
SERIAL REGISTER
AND
POWER MANAGEMENT
SCL
SDA
A0
AD9883
CLAMP
8
A/D
CLAMP
8
A/D
CLAMP
8
A/D
FEATURES
110 MSPS Maximum Conversion Rate
300 MHz Analog Bandwidth
0.5 V to 1.0 V Analog Input Range
500 ps p-p PLL Clock Jitter at 110 MSPS
3.3 V Power Supply
Full Sync Processing
Sync Detect for ”Hot Plugging”
Midscale Clamping
Power-Down Mode
Low Power: 500 mW Typical
Composite Sync Applications Require an External Coast
APPLICATIONS
RGB Graphics Processing
LCD Monitors and Projectors
Plasma Display Panels
Scan Converters
Microdisplays
Digital TV
GENERAL DESCRIPTION
The AD9883 is a complete 8-bit, 110 MSPS monolithic analog
interface optimized for capturing RGB graphics signals from
personal computers and workstations. Its 110 MSPS encode
rate capability and full-power analog bandwidth of 300 MHz
supports resolutions up to SXGA (1280
× 1024 at 60 Hz).
The AD9883 includes a 110 MHz triple ADC with internal
1.25 V reference, a PLL, and programmable gain, offset, and
clamp control. The user provides only a 3.3 V power supply,
analog input, and HSYNC and COAST signals. Three-state
CMOS outputs may be powered from 2.5 V to 3.3 V.
The AD9883’s on-chip PLL generates a pixel clock from HSYNC
and COAST inputs. Pixel clock output frequencies range from
12 MHz to 110 MHz. PLL clock jitter is 500 ps p-p typical at
110 MSPS. When the COAST signal is presented, the PLL
maintains its output frequency in the absence of HSYNC. A
sampling phase adjustment is provided. Data, HSYNC and
Clock output phase relationships are maintained. The AD9883
also offers full sync processing for composite sync and sync-on-
green applications.
A clamp signal is generated internally or may be provided by the
user through the CLAMP input pin. This interface is fully pro-
grammable via a two-wire serial interface.
Fabricated in an advanced CMOS process, the AD9883 is
provided in a space-saving 80-lead LQFP surface mount plastic
package and is specified over the 0
°C to 70°C temperature range.


Similar Part No. - AD9883

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9883A AD-AD9883A Datasheet
229Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
8/03-Data Sheet changed from REV. A to REV. B.
AD9883A/PCB AD-AD9883A/PCB Datasheet
229Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
8/03-Data Sheet changed from REV. A to REV. B.
AD9883ABST-110 AD-AD9883ABST-110 Datasheet
229Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
8/03-Data Sheet changed from REV. A to REV. B.
AD9883ABST-140 AD-AD9883ABST-140 Datasheet
229Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
8/03-Data Sheet changed from REV. A to REV. B.
AD9883ABST-RL110 AD-AD9883ABST-RL110 Datasheet
229Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
8/03-Data Sheet changed from REV. A to REV. B.
More results

Similar Description - AD9883

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9884A AD-AD9884A Datasheet
186Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV.B
AD9883A AD-AD9883A Datasheet
229Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
8/03-Data Sheet changed from REV. A to REV. B.
AD9985 AD-AD9985 Datasheet
349Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
5/04-Revision 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
Analog Interface for Flat Panel Displays
REV.0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
7/05-Revision 0
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com