Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9883 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9883
Description  110 MSPS Analog Interface for Flat Panel Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9883 Datasheet HTML 7Page - Analog Devices AD9883 Datasheet HTML 8Page - Analog Devices AD9883 Datasheet HTML 9Page - Analog Devices AD9883 Datasheet HTML 10Page - Analog Devices AD9883 Datasheet HTML 11Page - Analog Devices AD9883 Datasheet HTML 12Page - Analog Devices AD9883 Datasheet HTML 13Page - Analog Devices AD9883 Datasheet HTML 14Page - Analog Devices AD9883 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
AD9883
–11–
Timing
The following timing diagrams show the operation of the AD9883.
The Output Data Clock signal is created so that its rising edge
always occurs between data transitions, and can be used to latch
the output data externally.
There is a pipeline in the AD9883, which must be flushed before
valid data becomes available. This means four data sets are
presented before valid data is available.
tPER
tCYCLE
tSKEW
DATACK
DATA
HSOUT
Figure 7. Output Timing
Table V. Recommended VCO Range and Charge Pump Current Settings for Standard Display Formats
Refresh
Horizontal
Standard
Resolution
Rate
Frequency
Pixel Rate
VCORNGE
CURRENT
VGA
640
× 480
60 Hz
31.5 kHz
25.175 MHz
00
101
72 Hz
37.7 kHz
31.500 MHz
00
110
75 Hz
37.5 kHz
31.500 MHz
00
110
85 Hz
43.3 kHz
36.000 MHz
00
110
SVGA
800
× 600
56 Hz
35.1 kHz
36.000 MHz
00
110
60 Hz
37.9 kHz
40.000 MHz
01
100
72 Hz
48.1 kHz
50.000 MHz
01
100
75 Hz
46.9 kHz
49.500 MHz
01
100
85 Hz
53.7 kHz
56.250 MHz
01
101
XGA
1024
× 768
60 Hz
48.4 kHz
65.000 MHz
01
110
70 Hz
56.5 kHz
75.000 MHz
10
100
75 Hz
60.0 kHz
78.750 MHz
10
100
80 Hz
64.0 kHz
85.500 MHz
10
100
85 Hz
68.3 kHz
94.500 MHz
10
100
SXGA
1280
× 1024
60 Hz
64.0 kHz
108.000 MHz
10
110
P0
P1
P2
P3
P4
P5
P6
P7
5-PIPE DELAY
D0
D1
D2
D3
D4
D5
D6
D7
RGBIN
HSYNC
PxCK
HS
ADCCK
DATACK
DOUTA
HSOUT
VARIABLE DURATION
Figure 8. Timing Diagram
Hsync Timing
Horizontal Sync (Hsync) is processed in the AD9883 to elimi-
nate ambiguity in the timing of the leading edge with respect to
the phase-delayed pixel clock and data.
The Hsync input is used as a reference to generate the pixel
sampling clock. The sampling phase can be adjusted, with respect
to Hsync, through a full 360
° in 32 steps via the Phase Adjust
register (to optimize the pixel sampling time). Display systems
use Hsync to align memory and display write cycles, so it is
important to have a stable timing relationship between Hsync
output (HSOUT) and data clock (DATACK).
Three things happen to Horizontal Sync in the AD9883. First,
the polarity of Hsync input is determined and will thus have a
known output polarity. The known output polarity can be pro-
grammed either active high or active low (register 0EH, Bit 5).
Second, HSOUT is aligned with DATACK and data outputs.
Third, the duration of HSOUT (in pixel clocks) is set via regis-
ter 07H. HSOUT is the sync signal that should be used to drive
the rest of the display system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com