Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9884A Datasheet(PDF) 8 Page - Analog Devices

Part # AD9884A
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9884A Datasheet HTML 4Page - Analog Devices AD9884A Datasheet HTML 5Page - Analog Devices AD9884A Datasheet HTML 6Page - Analog Devices AD9884A Datasheet HTML 7Page - Analog Devices AD9884A Datasheet HTML 8Page - Analog Devices AD9884A Datasheet HTML 9Page - Analog Devices AD9884A Datasheet HTML 10Page - Analog Devices AD9884A Datasheet HTML 11Page - Analog Devices AD9884A Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. B
AD9884A
–8–
PIN FUNCTION DESCRIPTIONS (Continued)
Pin Name
Function
ANALOG INTERFACE
REFOUT
Internal Reference Output
Output from the internal 1.25 V bandgap reference. This output is intended to drive relatively light loads. It can
drive the AD9884A Reference input directly, but should be externally buffered if it is used to drive other loads as
well. The absolute accuracy of this output is
±4%, and the temperature coefficient is ±50 ppm, which is adequate
for most AD9884A applications. If higher accuracy is required, an external reference may be employed. If an exter-
nal reference is used, tie this pin to ground through a 0.1
µF capacitor.
REFIN
Reference Input
The reference input accepts the master reference voltage for all AD9884A internal circuitry (+1.25 V
± 10%). It
may be driven directly by the REFOUT pin. Its high impedance presents a very light load to the reference source.
This pin should be bypassed to Ground with a 0.1
µF capacitor.
FILT
External Filter Connection
For proper operation, the pixel clock generator PLL requires an external filter. Connect the filter shown in Figure
10 to this pin. For optimal performance, minimize noise and parasitics on this node.
POWER SUPPLY
VD
Main Power Supply
These pins supply power to the main elements of the circuit. It should be as quiet and filtered as possible.
VDD
Digital Output Power Supply
A large number of output pins (up to 52) switching at high speed (up to 140 MHz) generates a lot of power supply
transients (noise). These supply pins are identified separately from the VD pins so special care can be taken to
minimize output noise transferred into the sensitive analog circuitry. If the AD9884A is interfacing with lower-
voltage logic, VDD may be connected to a lower supply voltage (as low as 2.5 V) for compatibility.
PVD
Clock Generator Power Supply
The most sensitive portion of the AD9884A is the clock generation circuitry. These pins provide power to the
clock PLL and help the user design for optimal performance. The designer should provide “quiet,” noise-free
power to these pins.
GND
Ground
The ground return for all circuitry on chip. It is recommended that the AD9884A be assembled on a single solid
ground plane, with careful attention to ground current paths. See the Design Guide for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com