Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9884A Datasheet(PDF) 4 Page - Analog Devices

Part # AD9884A
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A Datasheet(HTML) 4 Page - Analog Devices

  AD9884A Datasheet HTML 1Page - Analog Devices AD9884A Datasheet HTML 2Page - Analog Devices AD9884A Datasheet HTML 3Page - Analog Devices AD9884A Datasheet HTML 4Page - Analog Devices AD9884A Datasheet HTML 5Page - Analog Devices AD9884A Datasheet HTML 6Page - Analog Devices AD9884A Datasheet HTML 7Page - Analog Devices AD9884A Datasheet HTML 8Page - Analog Devices AD9884A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. B
AD9884A
–4–
Table I. Package Interconnections
Signal Type
Name
Function
Value
Package Pin
Inputs
RAIN
Analog Input for RED Channel
0.5 V to 1.0 V FS
7
GAIN
Analog Input for GREEN Channel
0.5 V to 1.0 V FS
15
BAIN
Analog Input for BLUE Channel
0.5 V to 1.0 V FS
22
HSYNC
Horizontal Sync Input
3.3 V CMOS
40
COAST
Clock Generator Coast Input (Optional) 3.3 V CMOS
41
CLAMP
External Clamp Input (Optional)
3.3 V CMOS
28
SOGIN
Sync On Green Slicer Input (Optional)
0.5 V to 1.0 V FS
14
CKEXT
External Clock Input (Optional)
3.3 V CMOS
44
CKINV
Sampling Clock Inversion (Optional)
3.3 V CMOS
27
Outputs
DRA7-0
Data Output, Red Channel, Port A
3.3 V CMOS
105–112
DRB7-0
Data Output, Red Channel, Port B
3.3 V CMOS
95–102
DGA7-0
Data Output, Green Channel, Port A
3.3 V CMOS
85–92
DGB7-0
Data Output, Green Channel, Port B
3.3 V CMOS
75–82
DBA7-0
Data Output, Blue Channel, Port A
3.3 V CMOS
65–72
DBB7-0
Data Output, Blue Channel, Port B
3.3 V CMOS
55–62
DATACK
Data Output Clock
3.3 V CMOS
115
DATACK
Data Output Clock Complement
3.3 V CMOS
116
HSOUT
Horizontal Sync Output
3.3 V CMOS
117
SOGOUT
Sync On Green Slicer Output
3.3 V CMOS
118
Control
SDA
Serial Data I/O
3.3 V CMOS
29
SCL
Serial Interface Clock
3.3 V CMOS
30
A0, A1
Serial Port Address LSBs
3.3 V CMOS
31, 32
PWRDN
Power-Down Control Input
3.3 V CMOS
125
Analog Interface
REFOUT
Internal Reference Output
+1.25 V
126
REFIN
Reference Input
+1.25 V
± 10%
127
FILT
External Filter Connection
45
Power Supply
VD
Main Power Supply
3.3 V
± 10%
4, 8, 10, 11, 16, 18, 19, 23, 25,
124, 128
VDD
Digital Output Power Supply
2.5 V to 3.3 V
± 10% 54, 64, 74, 84, 94, 104, 114, 120
PVD
Clock Generator Power Supply
3.3 V
± 10%
33, 34, 43, 48, 50
GND
Ground
0 V
5, 6, 9, 12, 13, 17, 20, 21, 24, 26,
35, 39, 42, 47, 49, 51, 52, 53, 63,
73, 83, 93, 103, 113, 119, 121,
122, 123
No Connect
NC
1–3, 36–38, 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com