Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9884A Datasheet(PDF) 13 Page - Analog Devices

Part # AD9884A
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9884A Datasheet HTML 9Page - Analog Devices AD9884A Datasheet HTML 10Page - Analog Devices AD9884A Datasheet HTML 11Page - Analog Devices AD9884A Datasheet HTML 12Page - Analog Devices AD9884A Datasheet HTML 13Page - Analog Devices AD9884A Datasheet HTML 14Page - Analog Devices AD9884A Datasheet HTML 15Page - Analog Devices AD9884A Datasheet HTML 16Page - Analog Devices AD9884A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. B
AD9884A
–13–
Writing data to specific control registers of the AD9884A requires
that the 8-bit address of the control register of interest be written
after the slave address has been established. This control register
address is the base address for subsequent write operations. The
base address autoincrements by one for each byte of data written
after the data byte intended for the base address. If more bytes
are transferred than there are available addresses, the address
will not increment and remain at its maximum value of 0Eh. Any
base address higher than 0Eh will not produce an ACKnowledge
signal.
Data are read from the control registers of the AD9884A in a
similar manner. Reading requires two data transfer operations:
The base address must be written with the R/
W bit of the slave
address byte LOW to set up a sequential read operation.
Reading (the R/
W bit of the slave address byte HIGH) begins at
the previously established base address. The address of the read
register autoincrements after each byte is transferred.
To terminate a read/write sequence to the AD9884A, a stop
signal must be sent. A stop signal comprises a LOW-to-HIGH
transition of SDA while SCL is HIGH.
A repeated start signal occurs when the master device driving
the serial interface generates a start signal without first generat-
ing a stop signal to terminate the current communication. This is
used to change the mode of communication (read, write) between
the slave and master without releasing the serial interface lines.
Serial Interface Read/Write Examples
Write to One Control Register
• Start Signal
• Slave Address Byte (R/
W Bit = LOW)
• Base Address Byte
• Data Byte to Base Address
• Stop Signal
tSTOSU
tDAH
SDA
SCL
tBUFF
tSTAH
tDHO
tDSU
tDAL
tSTASU
Figure 1. Serial Port Read/Write Timing
SDA
SCL
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ACK
Figure 2. Serial Interface—Typical Byte Transfer
Write to Four Consecutive Control Registers
• Start Signal
• Slave Address Byte (R/
W Bit = LOW)
• Base Address Byte
• Data Byte to Base Address
• Data Byte to (Base Address + 1)
• Data Byte to (Base Address + 2)
• Data Byte to (Base Address + 3)
• Stop Signal
Read from One Control Register
• Start Signal
• Slave Address Byte (R/
W Bit = LOW)
• Base Address Byte
• Start Signal
• Slave Address Byte (R/
W Bit = HIGH)
• Data Byte from Base Address
• Stop Signal
Read from Four Consecutive Control Registers
• Start Signal
• Slave Address Byte (R/
W Bit = LOW)
• Base Address Byte
• Start Signal
• Slave Address Byte (R/
W Bit = HIGH)
• Data Byte from Base Address
• Data Byte from (Base Address + 1)
• Data Byte from (Base Address + 2)
• Data Byte from (Base Address + 3)
• Stop Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com