Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4113BCP Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4113BCP
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113BCP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4113BCP Datasheet HTML 7Page - Analog Devices ADF4113BCP Datasheet HTML 8Page - Analog Devices ADF4113BCP Datasheet HTML 9Page - Analog Devices ADF4113BCP Datasheet HTML 10Page - Analog Devices ADF4113BCP Datasheet HTML 11Page - Analog Devices ADF4113BCP Datasheet HTML 12Page - Analog Devices ADF4113BCP Datasheet HTML 13Page - Analog Devices ADF4113BCP Datasheet HTML 14Page - Analog Devices ADF4113BCP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–11–
PROGRAMMABLE
DELAY
U3
CLR2
Q2
D2
U2
CLR1
Q1
D1
CHARGE
PUMP
DOWN
UP
HI
HI
U1
ABP1
ABP2
R DIVIDER
N DIVIDER
CP OUTPUT
R DIVIDER
N DIVIDER
CP
CPGND
VP
Figure 27. PFD Simplified Schematic and Timing
(In Lock)
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4110 family allows the
user to access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2 and M1 in the function
latch. Table V shows the full truth table. Figure 28 shows the
MUXOUT section in block diagram form.
Lock Detect
MUXOUT can be programmed for two types of lock detect:
digital lock detect and analog lock detect.
Digital lock detect is active high. When LDP in the R counter
latch is set to 0, digital lock detect is set high when the phase
error on three consecutive Phase Detector cycles is less than 15 ns.
With LDP set to 1, five consecutive cycles of less than 15 ns
are required to set the lock detect. It will stay set high until a
phase error of greater than 25 ns is detected on any subsequent
PD cycle.
The N-channel open-drain analog lock detect should be oper-
ated with an external pull-up resistor of 10 k
Ω nominal. When
lock has been detected this output will be high with narrow low-
going pulses.
CONTROL
MUX
DVDD
MUXOUT
DGND
ANALOG LOCK DETECT
DIGITAL LOCK DETECT
R COUNTER OUTPUT
N COUNTER OUTPUT
SDOUT
Figure 28. MUXOUT Circuit
INPUT SHIFT REGISTER
The ADF4110 family digital section includes a 24-bit input shift
register, a 14-bit R counter and a 19-bit N counter, comprising
a 6-bit A counter and a 13-bit B counter. Data is clocked into
the 24-bit shift register on each rising edge of CLK. The data is
clocked in MSB first. Data is transferred from the shift register
to one of four latches on the rising edge of LE. The destination
latch is determined by the state of the two control bits (C2, C1)
in the shift register. These are the two LSBs DB1, DB0 as
shown in the timing diagram of Figure 1. The truth table for
these bits is shown in Table VI. Table I shows a summary of
how the latches are programmed.
Table I. C2, C1 Truth Table
Control Bits
C2
C1
Data Latch
0
0
R Counter
0
1
N Counter (A and B)
1
0
Function Latch (Including Prescaler)
1
1
Initialization Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com