Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4113BCP Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4113BCP
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113BCP Datasheet(HTML) 2 Page - Analog Devices

  ADF4113BCP Datasheet HTML 1Page - Analog Devices ADF4113BCP Datasheet HTML 2Page - Analog Devices ADF4113BCP Datasheet HTML 3Page - Analog Devices ADF4113BCP Datasheet HTML 4Page - Analog Devices ADF4113BCP Datasheet HTML 5Page - Analog Devices ADF4113BCP Datasheet HTML 6Page - Analog Devices ADF4113BCP Datasheet HTML 7Page - Analog Devices ADF4113BCP Datasheet HTML 8Page - Analog Devices ADF4113BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
ADF4110/ADF4111/ADF4112/ADF4113–SPECIFICATIONS1
(AVDD = DVDD = 3 V
10%, 5 V
10%; AVDD
≤ VP ≤ 6.0 V; AGND = DGND = CPGND = 0 V; R
SET = 4.7 k
; TA = TMIN to TMAX unless otherwise noted)
Parameter
B Version
B Chips
2
Unit
Test Conditions/Comments
RF CHARACTERISTICS (3 V)
See Figure 25 for Input Circuit.
RF Input Frequency
Use a square wave for lower frequencies.
ADF4110
45/550
45/550
MHz min/max
ADF4110
25/550
25/550
MHz min/max
Input Level = –10 dBm
ADF4111
0.045/1.2
0.045/1.2
GHz min/max
ADF4112
0.2/3.0
0.2/3.0
GHz min/max
ADF4112
0.1/3.0
0.1/3.0
GHz min/max
Input Level = –10 dBm
ADF4113
0.2/3.7
0.2/3.7
GHz min/max
Input Level = –10 dBm
RF Input Sensitivity
–15/0
–15/0
dBm min/max
Maximum Allowable Prescaler
Output Frequency
3
165
165
MHz max
RF CHARACTERISTICS (5 V)
RF Input Frequency
Use a square wave for lower frequencies.
ADF4110
25/550
25/550
MHz min/max
ADF4111
0.025/1.4
0.025/1.4
GHz min/max
ADF4112
0.1/3.0
0.1/3.0
GHz min/max
ADF4113
0.2/3.7
0.2/3.7
GHz min/max
ADF4113
0.2/4.0
0.2/4.0
GHz min/max
Input Level = –5 dBm
RF Input Sensitivity
–10/0
–10/0
dBm min/max
Maximum Allowable Prescaler
Output Frequency
3
200
200
MHz max
REFIN CHARACTERISTICS
REFIN Input Frequency
0/100
0/100
MHz min/max
Reference Input Sensitivity
4
–5/0
–5/0
dBm min/max
AC-Coupled. When DC-Coupled:
0 to VDD max (CMOS-Compatible)
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR
Phase Detector Frequency
5
55
55
MHz max
CHARGE PUMP
ICP Sink/Source
Programmable: See Table V
High Value
5
5
mA typ
With RSET = 4.7 k
Ω
Low Value
625
625
µA typ
Absolute Accuracy
2.5
2.5
% typ
With RSET = 4.7 k
Ω
RSET Range
2.7/10
2.7/10
k
Ω typ
See Table V
ICP 3-State Leakage Current
1
1
nA typ
Sink and Source Current Matching
2
2
% typ
0.5 V
≤ VCP ≤ VP – 0.5
ICP vs. VCP
1.5
1.5
% typ
0.5 V
≤ V
CP
≤ V
P – 0.5
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
0.8
× DVDD
0.8
× DVDD
V min
VINL, Input Low Voltage
0.2
× DV
DD
0.2
× DV
DD
V max
IINH/IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD – 0.4
DVDD – 0.4
V min
IOH = 500
µA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500
µA
POWER SUPPLIES
AVDD
2.7/5.5
2.7/5.5
V min/V max
DVDD
AVDD
AVDD
VP
AVDD/6.0
AVDD/6.0
V min/V max
AVDD
≤ VP ≤ 6.0 V
IDD
6 (AI
DD + DIDD )
See Figures 22 and 23
ADF4110
5.5
4.5
mA max
4.5 mA Typical
ADF4111
5.5
4.5
mA max
4.5 mA Typical
ADF4112
7.5
6.5
mA max
6.5 mA Typical
ADF4113
11
8.5
mA max
8.5 mA Typical
IP
0.5
0.5
mA max
TA = 25
°C
Low Power Sleep Mode
1
1
µA typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com