Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4113BCP Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4113BCP
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113BCP Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4113BCP Datasheet HTML 16Page - Analog Devices ADF4113BCP Datasheet HTML 17Page - Analog Devices ADF4113BCP Datasheet HTML 18Page - Analog Devices ADF4113BCP Datasheet HTML 19Page - Analog Devices ADF4113BCP Datasheet HTML 20Page - Analog Devices ADF4113BCP Datasheet HTML 21Page - Analog Devices ADF4113BCP Datasheet HTML 22Page - Analog Devices ADF4113BCP Datasheet HTML 23Page - Analog Devices ADF4113BCP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
REV. 0
–24–
ADF4110/ADF4111/ADF4112/ADF4113
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Chip Scale
(CP-20)
1
20
5
6
10
16
11
15
BOTTOM VIEW
(ROTATED 180 )
0.014 (0.35)
45°
0.018 (0.45)
0.016 (0.40)
0.014 (0.35)
0.079 (2.0) REF
0.079
(2.0)
REF
DETAIL E
0.020 (0.5) REF
LEAD PITCH
0.0079 (0.20)
REF
0.0083 (0.211)
0.0079 (0.200)
0.0077 (0.195)
SEATING
PLANE
0.039 (1.00)
0.035 (0.90)
0.031 (0.80)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS
0.0059 (0.15)
REF
0.011 (0.275)
0.010 (0.250)
0.009 (0.225)
0.0059
(0.15)
REF
0.018 (0.45)
0.016 (0.40)
0.014 (0.35)
LEAD OPTION
DETAIL E
0.159 (4.05)
0.157 (4.00)
0.156 (3.95)
TOP VIEW
0.159 (4.05)
0.157 (4.00)
0.156 (3.95)
Thin Shrink Small Outline
(RU-16)
16
9
8
1
0.256 (6.50)
0.246 (6.25)
0.177 (4.50)
0.169 (4.30)
PIN 1
0.201 (5.10)
0.193 (4.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433 (1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com