Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG786 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG786
Description  2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG786 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG786 Datasheet HTML 2Page - Analog Devices ADG786 Datasheet HTML 3Page - Analog Devices ADG786 Datasheet HTML 4Page - Analog Devices ADG786 Datasheet HTML 5Page - Analog Devices ADG786 Datasheet HTML 6Page - Analog Devices ADG786 Datasheet HTML 7Page - Analog Devices ADG786 Datasheet HTML 8Page - Analog Devices ADG786 Datasheet HTML 9Page - Analog Devices ADG786 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
ADG786/ADG788
–6–
Table I. ADG786 Truth Table
A2
A1
A0
EN
ON Switch
XX
X1
None
0
0
0
0
D1-S1A, D2-S2A, D3-S3A
0
0
1
0
D1-S1B, D2-S2A, D3-S3A
0
1
0
0
D1-S1A, D2-S2B, D3-S3A
0
1
1
0
D1-S1B, D2-S2B, D3-S3A
1
0
0
0
D1-S1A, D2-S2A, D3-S3B
1
0
1
0
D1-S1B, D2-S2A, D3-S3B
1
1
0
0
D1-S1A, D2-S2B, D3-S3B
1
1
1
0
D1-S1B, D2-S2B, D3-S3B
Table II. ADG788 Truth Table
Logic
Switch A
Switch B
0
OFF
ON
1
ON
OFF
VDD
Most Positive Power Supply Potential
VSS
Most Negative Power Supply in a Dual Supply Application. In single supply applications, this should be tied to
ground close to the device.
IDD
Positive Supply Current
ISS
Negative Supply Current
GND
Ground (0 V) Reference
S
Source Terminal. May be an input or output
D
Drain Terminal. May be an input or output
IN
Logic Control Input
VD (VS)
Analog Voltage on Terminals D, S
RON
Ohmic Resistance between D and S
∆R
ON
On Resistance Match between Any Two Channels, i.e., RONmax – RONmin.
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured
over the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch “OFF”
ID, IS (ON)
Channel Leakage Current with the Switch “ON”
VINL
Maximum Input Voltage for Logic “0”
VINH
Minimum Input Voltage for Logic “1”
IINL(IINH)
Input Current of the Digital Input
CS (OFF)
“OFF” Switch Source Capacitance. Measured with reference to ground.
CD, CS(ON)
“ON” Switch Capacitance. Measured with reference to ground.
CIN
Digital Input Capacitance
tON
Delay time measured between the 50% and 90% points of the digital inputs and the switch “ON” condition.
tOFF
Delay time measured between the 50% and 90% points of the digital input and the switch “OFF” condition.
tON(EN)
Delay time between the 50% and 90% points of the
EN digital input and the switch “ON” condition.
tOFF(EN)
Delay time between the 50% and 90% points of the
EN digital input and the switch “OFF” condition.
tOPEN
“OFF” time measured between the 80% points of both switches when switching from one address state to another.
Charge
A measure of the glitch impulse transferred Injection from the digital input to the analog output during switching.
Off Isolation
A measure of unwanted signal coupling through an “OFF” switch.
Crosstalk
A measure of unwanted signal that is coupled through from one channel to another as a result of parasitic
capacitance.
On Response
The Frequency Response of the “ON” Switch
Insertion Loss
The Loss Due to the ON Resistance of the Switch.
TERMINOLOGY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com