Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG786 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG786
Description  2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG786 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG786 Datasheet HTML 3Page - Analog Devices ADG786 Datasheet HTML 4Page - Analog Devices ADG786 Datasheet HTML 5Page - Analog Devices ADG786 Datasheet HTML 6Page - Analog Devices ADG786 Datasheet HTML 7Page - Analog Devices ADG786 Datasheet HTML 8Page - Analog Devices ADG786 Datasheet HTML 9Page - Analog Devices ADG786 Datasheet HTML 10Page - Analog Devices ADG786 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
ADG786/ADG788
–7–
VD, VS, DRAIN OR SOURCE VOLTAGE – V
8
0
123
4
7
6
5
4
3
2
1
0
TA = 25 C
VSS = 0V
VDD = 4.5V
VDD = 5.5V
VDD = 3.3V
VDD = 2.7V
5
TPC 1. On Resistance as a Function
of VD(VS) for Single Supply
VD, VS, DRAIN OR SOURCE VOLTAGE – V
0
0.5
7
6
5
4
3
2
1
0
1.0
1.5
2.0
2.5
3.0
8
+25 C
–40 C
+85 C
VDD = 3V
VSS = 0V
TPC 4. On Resistance as a Function
of VD(VS) for Different Temperatures,
Single Supply
VS, (VD = VDD –VS) – V
0.10
0
0.5
VDD = 3V
VSS = GND
TA = 25 C
IS, ID (ON), VD = VS
IS (OFF)
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
1.0
1.5
2.0
2.5
3.0
TPC 7. Leakage Currents as a
Function of VD(VS)
VD, VS, DRAIN OR SOURCE VOLTAGE – V
8
–3
–2
–10
2
7
6
5
4
3
2
1
0
TA = 25 C
VDD = +2.5V
VSS = –2.5V
3
1
TPC 2. On Resistance as a Function
of VD(VS) for Dual Supply
VD, VS, DRAIN OR SOURCE VOLTAGE – V
8
–3
–2
–10
2
7
6
5
4
3
2
1
0
VDD = +2.5V
VSS = –2.5V
3
–40 C
1
+85 C
+25 C
TPC 5. On Resistance as a Function
of VD(VS) for Different Temperatures,
Dual Supply
VS, (VD = VDD –VS) – V
0.15
–3
–2
VDD = +2.5V
VSS = –2.5V
TA = 25 C
IS (OFF)
0.10
0.05
0
–0.05
–0.10
–0.15
–1
0123
IS, ID (ON), VD = VS
TPC 8. Leakage Currents as a
Function of VD(VS)
Typical Performance Characteristics–
VD, VS, DRAIN OR SOURCE VOLTAGE – V
8
02
7
6
5
4
3
2
1
0
VDD = 5V
VSS = 0V
3
–40 C
1
+85 C
+25 C
45
TPC 3. On Resistance as a Function
of VD(VS) for Different Temperatures,
Single Supply
VS, (VD = VDD –VS) – V
0.10
01
2
3
5
VDD = 5V
VSS = GND
TA = 25 C
4
IS, ID (ON), VD = VS
IS (OFF)
0.05
0
–0.05
–0.10
–0.15
TPC 6. Leakage Currents as a
Function of VD(VS)
TEMPERATURE – C
0.25
5
VDD = +2.5V
VSS = –2.5V
VD = +2.25V/–1.25V
VS = –1.25V/+2.25V
VDD = 5V
VSS = GND
VD = 4.5V/1.0V
VS = 1.0V/4.5V
IS, ID (ON)
IS (OFF)
0.20
0.15
0.10
0.05
0
–0.05
20
35
50
65
80
–0.10
TPC 9. Leakage Currents as a
Function of Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com