Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG786 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG786
Description  2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG786 Datasheet(HTML) 1 Page - Analog Devices

  ADG786 Datasheet HTML 1Page - Analog Devices ADG786 Datasheet HTML 2Page - Analog Devices ADG786 Datasheet HTML 3Page - Analog Devices ADG786 Datasheet HTML 4Page - Analog Devices ADG786 Datasheet HTML 5Page - Analog Devices ADG786 Datasheet HTML 6Page - Analog Devices ADG786 Datasheet HTML 7Page - Analog Devices ADG786 Datasheet HTML 8Page - Analog Devices ADG786 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADG786/ADG788
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
2.5
, 1.8 V to 5.5 V,
2.5 V Triple/Quad
SPDT Switches in Chip Scale Packages
FEATURES
1.8 V to 5.5 V Single Supply
2.5 V Dual Supply
2.5
On Resistance
0.5
On Resistance Flatness
100 pA Leakage Currents
19 ns Switching Times
Triple SPDT: ADG786
Quad SPDT: ADG788
20-Lead 4 mm
4 mm Chip Scale Packages
Low Power Consumption
TTL/CMOS-Compatible Inputs
For Functionally-Equivalent Devices in 16-Lead TSSOP
Packages, See ADG733/ADG734
APPLICATIONS
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
Battery-Powered Systems
GENERAL DESCRIPTION
The ADG786 and ADG788 are low voltage, CMOS devices
comprising three independently selectable SPDT (single pole,
double throw) switches and four independently selectable SPDT
switches respectively.
Low power consumption and operating supply range of 1.8 V to
5.5 V and dual
±2.5 V make the ADG786 and ADG788 ideal
for battery powered, portable instruments and many other
applications. All channels exhibit break-before-make switch-
ing action preventing momentary shorting when switching
channels. An
EN input on the ADG786 is used to enable or
disable the device. When disabled, all channels are switched OFF.
These multiplexers are designed on an enhanced submicron
process that provides low power dissipation yet gives high switch-
ing speed, very low on resistance, high signal bandwidths and
low leakage currents. On resistance is in the region of a few
ohms, is closely matched between switches and very flat over
the full signal range. These parts can operate equally well in
either direction and have an input signal range which extends to
the supplies.
The ADG786 and ADG788 are available in small 20-lead
chip scale packages.
PRODUCT HIGHLIGHTS
1. Small 20-Lead 4 mm
× 4 mm Chip Scale Packages (CSP).
2. Single/Dual Supply Operation. The ADG786 and ADG788
are fully specified and guaranteed with 3 V
± 10% and
5 V
± 10% single supply rails, and ± 2.5 V ± 10% dual
supply rails.
3. Low On Resistance (2.5
Ω typical).
4. Low Power Consumption (<0.01
µW).
5. Guaranteed Break-Before-Make Switching Action.
FUNCTIONAL BLOCK DIAGRAMS
S1B
D1
S1A
A0
S2A
D2
S2B
S3B
D3
S3A
A1
ADG786
SWITCHES SHOWN FOR A LOGIC “1” INPUT
S1A
D1
S1B
IN1
IN2
S2B
D2
S2A
S3A
D3
S3B
IN3
IN4
S4B
D2
S4A
ADG788
EN
A2
LOGIC


Similar Part No. - ADG786

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG786BCPZ AD-ADG786BCPZ Datasheet
175Kb / 11P
2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
ADG786BCPZ-REEL7 AD-ADG786BCPZ-REEL7 Datasheet
175Kb / 11P
2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
ADG786WBCPZ-REEL7 AD-ADG786WBCPZ-REEL7 Datasheet
175Kb / 11P
2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
SPDT Switches in Chip Scale Packages
REV. B
More results

Similar Description - ADG786

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG781 AD-ADG781 Datasheet
169Kb / 8P
2.5 ohm Quad SPST Switches in Chip Scale Package
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
October 23, 2009
logo
Analog Devices
ADG734BRUZ AD-ADG734BRUZ Datasheet
369Kb / 12P
CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG788BCPZ AD-ADG788BCPZ Datasheet
175Kb / 11P
2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
ADG733BRU-REEL AD-ADG733BRU-REEL Datasheet
314Kb / 12P
CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRUZ AD-ADG733BRUZ Datasheet
369Kb / 12P
CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
Triple/Quad SPDT Switches
REV. B
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
SPDT Switches in Chip Scale Packages
REV. B
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
SPDT Switches in Chip Scale Packages
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com