Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS3022BCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADAS3022BCPZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADAS3022BCPZ Datasheet HTML 29Page - Analog Devices ADAS3022BCPZ Datasheet HTML 30Page - Analog Devices ADAS3022BCPZ Datasheet HTML 31Page - Analog Devices ADAS3022BCPZ Datasheet HTML 32Page - Analog Devices ADAS3022BCPZ Datasheet HTML 33Page - Analog Devices ADAS3022BCPZ Datasheet HTML 34Page - Analog Devices ADAS3022BCPZ Datasheet HTML 35Page - Analog Devices ADAS3022BCPZ Datasheet HTML 36Page - Analog Devices ADAS3022BCPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
ADAS3022
Rev. A | Page 33 of 40
Sampling on the SCK Rising Edge (Alternate Edge)
SPI or other alternate edge transfers typically require more time
to access data because the total data transfer time of these slower
hosts can be >tDDC. If this is the case, the time from tQUIET to the next
CNV rising edge, which is known as the data access time after
conversion (tDAC) and is determined by the user, must be
adjusted by lowering the throughput rate (CNV frequency),
thus providing the necessary time. If this does not allow enough
time, the data access can be broken up so that some data access
occurs during this time followed by the remainder of data
access occurring during the next tDDC and tDDCA times.
CFG Readback
The CFG result associated with the current conversion can be read
back with an additional 16 SCK burst following the conversion
result (see Figure 69). After the LSB of the conversion result is
clocked out, the MSB of the CFG associated with that conversion
follows. Subsequent SCK falling edges repeat the conversion
result and CFG word. For example, when CPHA is 0, the MSB
of the conversion result is output on the 32nd falling edge.
GENERAL CONSIDERATIONS
Because the time to access data is somewhat restricted, the
following guidelines are useful in determining the ADAS3022
throughput, or CNV frequency, and the serial interface details.
Note that in Figure 70 to Figure 72, tAD is for reference purposes
only and denotes a time without digital activity because such
activity should not occur prior to or just after sampling.
Data Access During Conversion—Maximum Throughput
The maximum throughput rate per channel is determined
mainly by the maximum SCK period of the host. When using
the maximum throughput rate of 1 MSPS, the ADAS3022 has
an almost symmetric period for both safe data and quiet times
(~500 ns each; see Figure 70). Consequently, tDDC is basically
fixed and only provides the host ~500 ns to access data. Note
that in Figure 70, tAD is for reference purposes only and denotes
a time without digital activity because such activity should not
occur during the sampling edge. For 17 SCK edges (worst case), the
minimum SCK frequency required to achieve a 1 MSPS (1 µs
between CNV rising) aggregate throughput rate is
MHz
34
17
≥
+
≥
DDC
AD
t
t
SCK
f
Although additional time to access data can be attained by trans-
ferring data during tDDCA, this is not recommended because the
ADAS3022 performs sensitive bit decisions during this time. If
tDDCA is used, however, the minimum SCK frequency is
MHz
25
17
≥
+
+
≥
DDCA
DDC
AD
t
t
t
SCK
f
CS
n
n
n
n – 1
n + 2
n + 2
n + 3
n + 1
n + 1
SDO
DIN
SCK
CNV
BUSY
SOC
EOC
tDDC
tAD
tDDCA
tQUIET
Figure 70. Data Access During Conversion
Data Access After/Spanning Conversion—Host Determined
Throughput
For hosts that do not have the 34 MHz or 25 MHz SCK rates
available, the maximum throughput rate cannot be achieved
because the data access time after conversion, tDAC, must be
increased to allow more time to access data. In this case, there
are three methods to access data:
•
The first method is to adjust tDAC for 17 SCK edges (worst
case) and the additional CS to CNV setup and hold times.
In this case, all data access occurs during tDAC. This is the
only method that can be used when using a slow host that
cannot break up data into bytes or other partial data bursts.
•
A second method is to break up the data into bursts that
can transfer part of the data during tDAC of the current
conversion and the rest of the data during tDDC of the next
conversion. Note that CS can stay low throughout the CNV
rising phase; however, serial clock activity should pause
while the input is being sampled.
•
A third method is to use the second method along with the
additional tDDCA, again noting that digital activity must cease
after this time to prevent the current conversion from
becoming corrupted.
In any of these methods, if the time between conversions (tCYC)
is exceeded for the fastest possible throughput mode (CMS = 0),
the conversion results will be inaccurate. If this is the case, the
fully asynchronous mode (CMS = 1) must be selected (see the
Conversion Modes section for details).
Figure 71 shows a basic timing diagram for all three methods.
For conversion (n), the data is read back after the end of a
conversion (n), with the remainder of data read into the next
(n + 1) conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com