Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS3022BCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADAS3022BCPZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADAS3022BCPZ Datasheet HTML 11Page - Analog Devices ADAS3022BCPZ Datasheet HTML 12Page - Analog Devices ADAS3022BCPZ Datasheet HTML 13Page - Analog Devices ADAS3022BCPZ Datasheet HTML 14Page - Analog Devices ADAS3022BCPZ Datasheet HTML 15Page - Analog Devices ADAS3022BCPZ Datasheet HTML 16Page - Analog Devices ADAS3022BCPZ Datasheet HTML 17Page - Analog Devices ADAS3022BCPZ Datasheet HTML 18Page - Analog Devices ADAS3022BCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Data Sheet
ADAS3022
Rev. A | Page 15 of 40
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
FREQUENCY (kHz)
GAIN = 6.4
fS = 1000kSPS
fIN = 10.1kHz
SNR = 85.7dB
SINAD = 85.6dB
THD = –101dB
SFDR = 103dB
Figure 24. 10 kHz FFT, PGIA Gain = 6.4
100
95
90
85
80
75
70
1
1000
100
10
FREQUENCY (kHz)
GAIN = 0.4, –0.5dBFS
GAIN = 0.8, –0.5dBFS
GAIN = 1.6, –0.5dBFS
GAIN = 3.2, –0.5dBFS
GAIN = 0.4, –10dBFS
GAIN = 0.8, –10dBFS
GAIN = 1.6, –10dBFS
GAIN = 3.2, –10dBFS
Figure 25. SNR vs. Frequency
100
95
90
85
80
75
70
65
60
55
50
1
1000
100
10
FREQUENCY (kHz)
GAIN = 0.4, –0.5dBFS
GAIN = 0.8, –0.5dBFS
GAIN = 1.6, –0.5dBFS
GAIN = 3.2, –0.5dBFS
GAIN = 0.4, –10dBFS
GAIN = 0.8, –10dBFS
GAIN = 1.6, –10dBFS
GAIN = 3.2, –10dBFS
Figure 26. SINAD vs. Frequency
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
1
1000
100
10
FREQUENCY (kHz)
GAIN = 0.4, –0.5dBFS
GAIN = 0.8, –0.5dBFS
GAIN = 1.6, –0.5dBFS
GAIN = 3.2, –0.5dBFS
GAIN = 0.4, –10dBFS
GAIN = 0.8, –10dBFS
GAIN = 1.6, –10dBFS
GAIN = 3.2, –10dBFS
Figure 27. THD vs. Frequency
–60
–70
–80
–90
–100
–110
–120
–130
–140
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (kHz)
INTERNAL REFERENCE
CHANNEL 4 TO COM, SEQUENCER DISABLED
VIN = –0.5dBFS ON CHANNELS 0 TO 3, 5 TO 7
fS = 1000kSPS
Figure 28. Crosstalk vs. Frequency
60
70
80
90
100
110
120
130
1
10
100
1k
10k
100k
FREQUENCY (Hz)
COMMON-MODE AMPLITUDE = 20.48V p-p
INTERNAL REFERENCE
fS = 1000kSPS
GAIN = 0.16
GAIN = 0.20
GAIN = 0.40
GAIN = 0.80
GAIN = 1.60
GAIN = 3.20
GAIN = 6.40
Figure 29. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com