Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS3022BCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADAS3022BCPZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADAS3022BCPZ Datasheet HTML 32Page - Analog Devices ADAS3022BCPZ Datasheet HTML 33Page - Analog Devices ADAS3022BCPZ Datasheet HTML 34Page - Analog Devices ADAS3022BCPZ Datasheet HTML 35Page - Analog Devices ADAS3022BCPZ Datasheet HTML 36Page - Analog Devices ADAS3022BCPZ Datasheet HTML 37Page - Analog Devices ADAS3022BCPZ Datasheet HTML 38Page - Analog Devices ADAS3022BCPZ Datasheet HTML 39Page - Analog Devices ADAS3022BCPZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADAS3022
Data Sheet
Rev. A | Page 36 of 40
CONFIGURATION REGISTER
The configuration register, CFG, is a 16-bit, programmable
register for selecting all of the ADAS3022 user-programmable
options (see Table 11). The register is loaded when data is read
back for the first 16 SCK rising edges and is updated at the next
EOC. Note that there is always a two-deep delay (n + 2) when
writing CFG and when reading back CFG for the setting
associated with the current conversion.
The default CFG setting is applied when the ADAS3022 returns
from the reset state (RESET = high) to the operational state
(RESET = low). However, when the ADAS3022 returns from the
full power-down state (PD = high) to an enabled state (PD = low),
the default CFG setting is not applied, and at least two dummy
conversions are required for the user-specified CFG setting to
take effect. Therefore, the default value is CFG[15:0] = 0x8FCF.
This sets the ADAS3022 as follows:
•
Overwrites contents of CFG register
•
Selects the IN0 input channel referenced to COM
•
Configures the PGIA gain to 0.20 (±20.48 V)
•
Selects the multiplexer input
•
Disables the internal channel sequencer
•
Disables the temperature sensor
•
Enables the internal reference
•
Selects normal conversion mode
•
Selects SPI interface mode
Table 10. Configuration Register, CFG; Default Value = 0x8FCF (1000 1111 1100 1111)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CFG
INx
INx
INx
COM
RSV
PGIA
PGIA
PGIA
MUX
SEQ
SEQ
TEMPB
REFEN
CMS
CPHA
Table 11. Configuration Register Bit Description
Bits
Bit Name
Description
15
CFG
Configuration update.
0 = keep current configuration settings.
1 = overwrite contents of register (default).
[14:12]
INx
Input channel selection in binary fashion. See the Multiplexer section.
Bit 14
Bit 13
Bit 12
Channel
0
0
0
IN0 (default)
…
…
…
1
1
1
IN7
11
COM
IN[7:0] common channel input. AUX+ and AUX− are not referenced to COM.
0 = channels are referenced in differential pairs: IN0/IN1, IN2/IN3, IN4/IN5, and IN6/IN7 (see the Channel Sequencer
Details section).
1 = each channel is referenced to a common sense, COM (default).
10
RSV
Reserved. Setting or clearing this bit has no effect.
[9:7]
PGIA
Programmable gain selection (see the Input Structure section). In basic sequencer modes, this register configures
the range for all channels. In advanced sequencer mode, this register sets the range for IN0 (COM = 1) or the IN0/IN1
pair (COM = 0). See the Advanced Mode section for the PGIA configurations of individual channels or channel pairs.
Bit 9
Bit 8
Bit 7
Absolute Input Voltage Range
0
0
0
±24.576 V
0
0
1
±10.24 V
0
1
0
±5.12 V
0
1
1
±2.56 V
1
0
0
±1.28 V
1
0
1
±0.64 V
1
1
0
Not used
1
1
1
±20.48 V (default)
6
MUX
Multiplexer/auxiliary channel input (see the Auxiliary Input Channel section).
0 = selects auxiliary channel on AUX± inputs as active channel.
1 = uses the selected analog front end (AFE) channel/channel pair (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com