Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTPF0100UG Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 29Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 30Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 31Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 32Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 33Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 34Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 35Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 36Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
33
Graphical User Interface Description
10.3
GUI Features
There are five functional tabs in the KITPF0100GUI to allow programming the PF0100 registers. They also permit
one to perform either prototyping or One-Time Programming (OTP) of the fuse registers.
The Power tab provides user access to control both the switching as well as the linear regulators on PF0100.
The switching regulators can be programmed by sub-tabs for SW1, SW2, SW3, SW4, and SWBST. For each of
these tabs, the user has access to functional registers that configure the output voltage, the standby voltage, the
off-mode voltage, the phase control, the switching frequency and more. The user can also configure the OTP
register via the bottom half of the tab, which selects the start-up sequence of the switching regulators as well as
phase configuration for SW1 and SW3.
Figure 29. Switching Regulators Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com