Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTPF0100UG Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 35Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 36Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 37Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 38Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 39Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 40Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 41Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 42Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
39
Graphical User Interface Description
10.4
Using the Script Editor
The Script Editor is a powerful tool that automates the PF0100 development process. Scripts are groups of
commands that are executed sequentially. They can quickly load PF0100 registers with your desired configuration,
or they can help you to determine the correct power-up sequence for your design. Scripts are stored as simple text
files, and as such, can be edited with any text editor. Since scripts are driven by your PC, PMIC configurations can
be explored and validated prior to connecting to a host i.MX processor.
The Script Editor work area is shown in Figure 35. Script files are created in the large work area to the left. The
blank area to the right-hand side is the Script Log, which displays the script output as it steps sequentially.
Script Area
Log Area
Figure 35. Script Editor Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com