Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7274 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7274
Description  2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7274 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7274 Datasheet HTML 3Page - Richtek Technology Corporation RT7274 Datasheet HTML 4Page - Richtek Technology Corporation RT7274 Datasheet HTML 5Page - Richtek Technology Corporation RT7274 Datasheet HTML 6Page - Richtek Technology Corporation RT7274 Datasheet HTML 7Page - Richtek Technology Corporation RT7274 Datasheet HTML 8Page - Richtek Technology Corporation RT7274 Datasheet HTML 9Page - Richtek Technology Corporation RT7274 Datasheet HTML 10Page - Richtek Technology Corporation RT7274 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
RT7274/79/80/81
7
DS7274/79/80/81-01 February 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Input Under-voltage Lock-out
In addition to the enable function, the RT7274/79/80/81
feature an under-voltage lock-out (UVLO) function that
monitors the internal linear regulator output (PVCC). To
prevent operation without fully-enhanced internal MOSFET
switches, this function inhibits switching when PVCC
drops below the UVLO-falling threshold. The IC resumes
switching when PVCC exceeds the UVLO-rising threshold.
Soft-Start (SS)
The RT7274/79/80/81 soft-start uses an external pin (SS)
to clamp the output voltage and allow it to slowly rise.
After VEN is high and PVCC exceeds its UVLO threshold,
the IC begins to source 2
μA from the SS pin. An external
capacitor at SS is used to adjust the soft-start timing.
The available capacitance range is from 2.7nF to 220nF.
Do not leave SS unconnected.
During start-up, while the SS capacitor charges, the
RT7274/79/80/81 operate in discontinuous switching mode
with very small pulses. This prevents negative inductor
currents and keeps the circuit from sinking current.
Therefore, the output voltage may be pre-biased to some
positive level before start-up. Once the VSS ramp charges
enough to raise the internal reference above the feedback
voltage, switching will begin and the output voltage will
smoothly rise from the pre-biased level to its regulated
level. After VSS rises above about 2.2V output over-and
under-voltage protections are enabled and the RT7279/81
begins continuous-switching operation.
Internal Regulator (PVCC)
An internal linear regulator (PVCC) produces a 5.1V supply
from VIN that powers the internal gate drivers, PWM logic,
reference, analog circuitry, and other blocks. If VIN is 6V
or greater, PVCC is guaranteed to provide significant power
for external loads.
PGOOD Comparator
PGOOD is an open drain output controlled by a comparator
connected to the feedback signal. If FB exceeds 90% of
the internal reference voltage, PGOOD will be high
impedance. Otherwise, the PGOOD output is connected
to PGND.
high, the synchronous rectifier turns off until after the next
high-side on-time. RT7274/80 does not sink current and
therefore does not need a negative current limit.
Output Over-voltage Protection and Under-voltage
Protection
The RT7279/80 include output over-voltage protection
(OVP). If the output voltage rises above the regulation
level, the high-side switch naturally remains off and the
synchronous rectifier turns on. If the output voltage remains
high the synchronous rectifier remains on until the inductor
current reaches the negative current limit (RT7279) or until
it reaches zero (RT7280). If the output voltage remains
high, the IC's switches remain off. If the output voltage
exceeds the OVP trip threshold for longer than 5
μs
(typical), the IC's OVP is triggered.
The RT7279/80 include output under-voltage protection
(UVP). If the output voltage drops below the UVP trip
threshold for longer than 250
μs (typical) the IC's UVP is
triggered.
There are two different behaviors for OVP and UVP events
for the TSSOP-14 (Exposed Pad) packages.
Latch-Off Mode (TSSOP-14 (Exposed Pad) Only)
The RT7280GCP/RT7279GCP, use latch-off mode OVP
and UVP. When the protection function is triggered the
IC will shut down. The IC stops switching, leaving both
switches open, and is latched off. To restart operation,
toggle EN or power the IC off and then on again.
Shut-down, Start-up and Enable (EN)
The enable input (EN) has a logic-low level of 0.4V. When
VEN is below this level the IC enters shutdown mode and
supply current drops to less than 10
μA. When VEN exceeds
its logic-high level of 1.6V the IC is fully operational.
Between these 2 levels there are 2 thresholds (1.2V typical
and 1.4V typical). When VEN exceeds the lower threshold
the internal bias regulators begin to function and supply
current increases above the shutdown current level.
Switching operation begins when VEN exceeds the upper
threshold. Unlike many competing devices, EN is a high
voltage input that can be safely connected to VIN (up to
18V) for automatic start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com