Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7274 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7274
Description  2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7274 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7274 Datasheet HTML 9Page - Richtek Technology Corporation RT7274 Datasheet HTML 10Page - Richtek Technology Corporation RT7274 Datasheet HTML 11Page - Richtek Technology Corporation RT7274 Datasheet HTML 12Page - Richtek Technology Corporation RT7274 Datasheet HTML 13Page - Richtek Technology Corporation RT7274 Datasheet HTML 14Page - Richtek Technology Corporation RT7274 Datasheet HTML 15Page - Richtek Technology Corporation RT7274 Datasheet HTML 16Page - Richtek Technology Corporation RT7274 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
RT7274/79/80/81
13
DS7274/79/80/81-01 February 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
UVLO Threshold vs. Temperature
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Falling
Rising
Enable Voltage vs. Temperature
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
Falling
Rising
Switching Frequency vs. Input Voltage
630
640
650
660
670
680
690
700
46
8
10
12
14
16
18
Input Voltage (V)
VIN = 12V, VOUT = 1.05V, IOUT = 0.7A
Switching Frequency vs. Temperature
600
610
620
630
640
650
660
670
680
690
700
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VOUT = 1.05V, IOUT = 0.7A
Current Limit vs. Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
255075
100
125
Temperature (°C)
VIN = 12V, VOUT = 1.05V
RT7281
RT7280
RT7279
RT7274
Current Limit vs. Input Voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
4
6
8
1012
1416
18
Input Voltage (V)
VIN = 12V, VOUT = 1.05V
RT7281
RT7280
RT7279
RT7274



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com