Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 5Page - Texas Instruments TAS5548 Datasheet HTML 6Page - Texas Instruments TAS5548 Datasheet HTML 7Page - Texas Instruments TAS5548 Datasheet HTML 8Page - Texas Instruments TAS5548 Datasheet HTML 9Page - Texas Instruments TAS5548 Datasheet HTML 10Page - Texas Instruments TAS5548 Datasheet HTML 11Page - Texas Instruments TAS5548 Datasheet HTML 12Page - Texas Instruments TAS5548 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
Table 2-1. Serial Data Formats (continued)
RECEIVE SERIAL DATA FORMAT
WORD LENGTH
Right-justified
20
Right-justified
24
I2S
16
I2S
20
I2S
24
Left-justified
16
Left-justified
20
Left-justified
24
Serial data is input on SDIN1-5. The device will accept 32, 44.1, 48, 88.2, 96, 176.4 and 192 kHz serial
data in 16, 20 or 24-bit data in Left, Right and I2S serial data formats using a 64 Fs SCLK clock and a
128, 192, 256, 384, or 512 * Fs MCLK rates (up to a maximum of 50 MHz).
Serial Data is output on SDOUT. The SDOUT data format is I2S 24 bit.
The parameters of this clock and serial data interface are I2C configurable. But the default is autodetect.
In some cases the device will work without MCLK by connecting SCLK to MCLK.
2.4.4
I
2C Serial-Control Interface
The TAS5548 has an I2C serial-control slave interface to receive commands from a system controller. The
serial-control interface supports both normal-speed (100-kHz) and high-speed (400-kHz) operations
without wait states.
The serial control interface supports both single-byte and multiple-byte read/write operations for status
registers and the general control registers associated with the PWM. However, for the DAP data-
processing registers, the serial control interface also supports multiple-byte (4-byte) write operations.
The I2C supports a special mode which permits I2C write operations to be broken up into multiple data-
write operations that are multiples of 4 data bytes. These are 6-byte, 10-byte, 14-byte, 18-byte, etc., write
operations that are composed of a device address, read/write bit, subaddress, and any multiple of 4 bytes
of data. This permits the system to incrementally write large register values with multiple 4 byte transfers.
I2C transactions. In order to use this feature, the first block of data is written to the target I2C address, and
each subsequent block of data is written to a special append register (0xFE) until all the data is written
and a stop bit is sent. An incremental read operation is not supported using 0xFE.
2.4.5
Device Control
The control section provides the control and sequencing for the TAS5548. The device control provides
both high- and low-level control for the serial control interface, clock and serial data interfaces, digital
audio processor, and pulse-width modulator sections.
2.4.6
Energy Manager
Energy Manager monitors the overall energy (power) in the system. It can be programmed to monitor the
energy of all channels or satellite and sub separately. The output of energy manager, all called EMO, is a
flag that is set when the energy level crosses above the programmed threshold. This level is indicated in
internal status registers as well as in pin output.
2.4.7
Digital Audio Processor (DAP)
The DAP arithmetic unit is used to implement all audio-processing functions: soft volume, loudness
compensation, bass and treble processing, dynamic range control, channel filtering, and input and output
mixing. Figure 3-1 shows the TAS5548 DAP architecture.
Copyright © 2012, Texas Instruments Incorporated
Description
9
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com