Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 12Page - Texas Instruments TAS5548 Datasheet HTML 13Page - Texas Instruments TAS5548 Datasheet HTML 14Page - Texas Instruments TAS5548 Datasheet HTML 15Page - Texas Instruments TAS5548 Datasheet HTML 16Page - Texas Instruments TAS5548 Datasheet HTML 17Page - Texas Instruments TAS5548 Datasheet HTML 18Page - Texas Instruments TAS5548 Datasheet HTML 19Page - Texas Instruments TAS5548 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 120 page
background image
Digital Audio Processor Core
IN 1
COEF
RAM
Data
RAM
Code
ROM
Controller
8052
MCU
(8-Bit)
8
External
Data
RAM
Internal
Data
RAM
Code
ROM
SCL
SDA
CS 0
8
8
54
32
28
32
32
32
32
IN 2
IN 4
IN 3
Memory
Interface
T/B
Control
Registers
I2C
Serial
Interface
Data
Path
Micro Core
TO
PWM
IN 5
OUT 2
IN7
IN6
IN 8
IN9
IN10
OUT 1
24
24
24
24
24
24
24
24
24
24
24
24
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
3.2
I
2C Coefficient Number Formats
The architecture of the TAS5548 is contained in ROM resources within the device and cannot be altered.
However, mixer gain, level offset, and filter tap coefficients, which can be entered via the I2C bus interface,
provide a user with the flexibility to set the TAS5548 to a configuration that achieves system-level goals.
The firmware is executed in a 32-bit, signed, fixed-point arithmetic machine. The most significant bit of the
32-bit data path is a sign bit, and the 31 lower bits are data bits. Mixer gain operations are implemented
by multiplying a 32-bit, signed data value by a 28-bit, signed gain coefficient (known as 5.23 in the rest of
this document. See for more details). The 60-bit, signed output product is then truncated to a signed, 32-
bit number. Level offset operations are implemented by adding a 32-bit, signed offset coefficient to a 32-
bit, signed data value.
In most cases, if the addition results in overflowing the 32-bit, signed number format, saturation logic is
used. This means that if the summation results in a positive number that is greater than 0x7FFF FFFF FF
(the spaces are used to ease the reading of the hexadecimal number), the number is set to
0x7FFF FFFF FF. If the summation results in a negative number that is less than 0x8000 0000 00, the
number is set to 0x8000 0000 00. This allows the system to clip in a similar way to an analog circuit, rather
than "wrapping around" to a polar opposite output.
Figure 3-4. DAP Block Diagram
16
TAS5548 DAP Architecture
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com