Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5548 Datasheet HTML 1Page - Texas Instruments TAS5548 Datasheet HTML 2Page - Texas Instruments TAS5548 Datasheet HTML 3Page - Texas Instruments TAS5548 Datasheet HTML 4Page - Texas Instruments TAS5548 Datasheet HTML 5Page - Texas Instruments TAS5548 Datasheet HTML 6Page - Texas Instruments TAS5548 Datasheet HTML 7Page - Texas Instruments TAS5548 Datasheet HTML 8Page - Texas Instruments TAS5548 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
8-Channel HD Compatible Audio Processor with ASRC and PWM Output
Check for Samples: TAS5548
1
Introduction
1.1
Features
12
• General Features
• Audio Processing
– 8ch Asynchronous Sample Rate Converter
– Volume Control Range 18 dB to –127 dB
(Master and Eight Channel Volume)
– 8 Channel Audio Processing for 32-192 kHz
(ARSC to 96kHz)
– Bass and Treble Tone Controls With ±18-dB
Range, Selectable Corner Frequencies
– 4 Channel Native Audio Processing at
192kHZ
– Configurable Loudness Compensation
– 30 kHz Audio Bandwidth for DTS-HD
– Two Dynamic Range Compressors With Two
Compatibility
Thresholds, Two Offsets, and Three Slopes
– Energy Manager for Overall System Power
– Seven Biquads Per Channel
Control
• PWM Processing
– Power Supply Volume Control
– >105-dB Dynamic Range
• Audio Input/Output
– THD+N < 0.1% (0–40 kHz)
– Up to Five Synchronous Serial Audio Inputs
– 20-Hz–40-kHz, Flat Noise Floor for 32KHz -
(10 Channels)
192KHz
– Up to One Synchronous Serial Audio
– Flexible Automute Logic With Programmable
Outputs (2 Channels)
Threshold and Duration for Noise-Free
– I2S Master Mode When Used With External
Operation
Crystal
– Power-Supply Volume Control (PSVC) in
– Slave Mode 32-192KHz With Auto/Manual
High-Performance Applications
Sample Rate Detection
– Adjustable Modulation Limit
– Eight Differential PWM Output That can
Support AD or BD Modulation
– Two Differential PWM Headphone Outputs
– I2S Out for External Wireless Sub
– PWM Output Supports Single Ended (S.E.) or
Bridge Tied Load (BTL)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Matlab is a trademark of Math Works, Inc.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com