Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484FS Datasheet(PDF) 5 Page - Analog Devices

Part # OP484FS
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FS Datasheet(HTML) 5 Page - Analog Devices

  OP484FS Datasheet HTML 1Page - Analog Devices OP484FS Datasheet HTML 2Page - Analog Devices OP484FS Datasheet HTML 3Page - Analog Devices OP484FS Datasheet HTML 4Page - Analog Devices OP484FS Datasheet HTML 5Page - Analog Devices OP484FS Datasheet HTML 6Page - Analog Devices OP484FS Datasheet HTML 7Page - Analog Devices OP484FS Datasheet HTML 8Page - Analog Devices OP484FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
–5–
OP184/OP284/OP484
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage
2
. . . . . . . . . . . . . . . . . . . . .
±0.6 V
Output Short-Circuit Duration to GND
3
. . . . . . . . Indefinite
Storage Temperature Range
P, S Packages . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP184/OP284/OP484E, F . . . . . . . . . . . . –40
°C to +125°C
Junction Temperature Range
P, S Packages . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
Package Type
JA
3
JC
Units
8-Pin Plastic DIP (P)
103
43
°C/W
8-Pin SOIC (S)
158
43
°C/W
14-Pin Plastic DIP (P)
83
39
°C/W
14-Pin SOIC (S)
92
27
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts unless
otherwise noted.
2For input voltages greater than 0.6 volts, the input current should be limited to less
than 5 mA to prevent degradation or destruction of the input devices.
3
θ
JA is specified for the worst case conditions; i.e.,
θ
JA is specified for device in socket
for cerdip and P-DIP packages;
θ
JA is specified for device soldered in circuit board
for SOIC package.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP184EP
–40
°C to +125°C 8-Pin Plastic DIP N-8
OP184ES
–40
°C to +125°C 8-Pin SOIC
SO-8
OP184FP
–40
°C to +125°C 8-Pin Plastic DIP N-8
OP184FS
–40
°C to +125°C 8-Pin SOIC
SO-8
OP284EP
–40
°C to +125°C 8-Pin Plastic DIP N-8
OP284ES
–40
°C to +125°C 8-Pin SOIC
SO-8
OP284FP
–40
°C to +125°C 8-Pin Plastic DIP N-8
OP284FS
–40
°C to +125°C 8-Pin SOIC
SO-8
OP484EP
–40
°C to +125°C 14-Pin Plastic DIP N-14
OP484ES
–40
°C to +125°C 14-Pin SOIC
SO-14
OP484FP
–40
°C to +125°C 14-Pin Plastic DIP N-14
OP484FS
–40
°C to +125°C 14-Pin SOIC
SO-14
OP284 Die Size 0.065
× 0.092 Inch, 5,980 Sq. Mils
Substrate (Die Backside) Is Connected to V–.
Transistor Count, 62.
OP484 Die Size 0.080
× 0.110 Inch, 8,800 Sq. Mils
Substrate (Die Backside) Is Connected to V–.
Transistor Count, 120.
R3
Q1
–IN
+IN
QL1
QL2
Q4
Q3
Q2
QB5
QB6
RB2
QB3
R1
Q5
R2
QB4
JB2
QB1
CB1 N+
P+
M
QB2
CC1
Q9
Q7
Q11
Q8
Q6
Q10
Q12
QB7
QB8
QB9
RB1
JB1
TP
R4
R5
R6
RB3
CFF
R7
R8
Q13
Q14
R10
Q15
RB4
QB10
CC2
C O
Q17
Q16
R11
Q18
VCC
OUT
VEE
R9
Figure 1. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com