Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484FS Datasheet(PDF) 6 Page - Analog Devices

Part # OP484FS
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FS Datasheet(HTML) 6 Page - Analog Devices

Back Button OP484FS Datasheet HTML 2Page - Analog Devices OP484FS Datasheet HTML 3Page - Analog Devices OP484FS Datasheet HTML 4Page - Analog Devices OP484FS Datasheet HTML 5Page - Analog Devices OP484FS Datasheet HTML 6Page - Analog Devices OP484FS Datasheet HTML 7Page - Analog Devices OP484FS Datasheet HTML 8Page - Analog Devices OP484FS Datasheet HTML 9Page - Analog Devices OP484FS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
INPUT OFFSET VOLTAGE – µV
300
0
–100 –75
100
–50
–25
0
25
50
75
270
180
90
60
30
240
210
120
150
VS = +3V
TA = +25°C
VCM = 1.5V
Figure 2. Input Offset Voltage
Distribution
INPUT OFFSET VOLTAGE – µV
300
0
–100 –75
100
–50
–25
0
25
50
75
270
180
90
60
30
240
210
120
150
VS = +5V
TA = +25°C
VCM = 2.5V
Figure 3. Input Offset Voltage
Distribution
INPUT OFFSET VOLTAGE – µV
200
0
–125 –100
125
–75 –50
0
50 75 100
175
100
75
50
25
150
125
VS = ±15V
TA = +25°C
–25
25
Figure 4. Input Offset Voltage
Distribution
–6–
OFFSET VOLTAGE DRIFT, TCVOS – µV/°C
300
0
0
0.25
1.5
0.50
0.75
1.0
1.25
250
200
150
100
50
VS = +5V
–40
°C ≤ T
A ≤ +125°C
Figure 5. Input Offset Voltage Drift
Distribution
OFFSET VOLTAGE DRIFT, TCVOS – µV/°C
300
0
0
0.25
1.5
0.50
0.75
1.0
1.25
250
200
150
100
50
VS = ±15V
–40
°C ≤ T
A ≤ +125°C
Figure 6. Input Offset Voltage Drift
Distribution
TEMPERATURE –
°C
–40
–80
–40
125
25
85
–45
–50
–55
–60
–65
–70
–75
VS = +5V
VS = ±15V
VCM = VS/2
Figure 7. Bias Current vs.
Temperature
COMMON MODE VOLTAGE – Volts
500
–500
–15
–10
15
–5
5
10
0
400
300
200
100
0
–100
–200
–300
–400
VS = ±15V
Figure 8. Input Bias Current vs.
Common-Mode Voltage
LOAD CURRENT – mA
1,000
100
10
0.01
0.1
10
1
SOURCE
SINK
VS = ±15V
Figure 9. Output Voltage to Supply
Rail vs. Load Current
TEMPERATURE –
°C
1.2
0.5
1.1
0.8
0.7
0.6
1.0
0.9
–40
125
25
85
VS = ±15V
VS = +5V
VS = +3V
Figure 10. Supply Current vs.
Temperature
OP184/OP284/OP484–Typical Performance Characteristics
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com