Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484FS Datasheet(PDF) 1 Page - Analog Devices

Part # OP484FS
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FS Datasheet(HTML) 1 Page - Analog Devices

  OP484FS Datasheet HTML 1Page - Analog Devices OP484FS Datasheet HTML 2Page - Analog Devices OP484FS Datasheet HTML 3Page - Analog Devices OP484FS Datasheet HTML 4Page - Analog Devices OP484FS Datasheet HTML 5Page - Analog Devices OP484FS Datasheet HTML 6Page - Analog Devices OP484FS Datasheet HTML 7Page - Analog Devices OP484FS Datasheet HTML 8Page - Analog Devices OP484FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Precision Rail-to-Rail Input & Output
Operational Amplifiers
OP184/OP284/OP484
FEATURES
Single-Supply Operation
Wide Bandwidth: 4 MHz
Low Offset Voltage: 65
V
Unity-Gain Stable
High Slew Rate: 4.0 V/ s
Low Noise: 3.9 nV/
√Hz
APPLICATIONS
Battery Powered Instrumentation
Power Supply Control and Protection
Telecom
DAC Output Amplifier
ADC Input Buffer
GENERAL DESCRIPTION
The OP184/OP284/OP484 are single, dual and quad single-
supply, 4 MHz bandwidth amplifiers featuring rail-to-rail inputs
and outputs. They are guaranteed to operate from +3 to +36 (or
±1.5 to ±18) volts and will function with a single supply as low
as +1.5 volts.
These amplifiers are superb for single supply applications re-
quiring both ac and precision dc performance. The combination
of bandwidth, low noise and precision makes the OP184/OP284/
OP484 useful in a wide variety of applications, including filters
and instrumentation.
Other applications for these amplifiers include portable telecom
equipment, power supply control and protection, and as amplifi-
ers or buffers for transducers with wide output ranges. Sensors
requiring a rail-to-rail input amplifier include Hall effect, piezo
electric, and resistive transducers.
The ability to swing rail-to-rail at both the input and output en-
ables designers to build multistage filters in single-supply sys-
tems and to maintain high signal-to-noise ratios.
The OP184/OP284/OP484 are specified over the HOT extended
industrial (–40
°C to +125°C) temperature range. The single
and dual are available in 8-pin plastic DIP plus SO surface
mount packages. The quad OP484 is available in 14-pin plastic
DIPs and 14-lead narrow-body SO packages.
PIN CONFIGURATIONS
8-Lead Epoxy DIP
(P Suffix)
8-Lead SO
(S Suffix)
1
2
3
4
8
7
6
5
OUT A
V+
NULL
NC
NULL
–IN A
+IN A
V–
OP184
NC = NO CONNECT
8-Lead Epoxy DIP
(P Suffix)
8-Lead SO
(S Suffix)
1
2
3
4
8
7
6
5
OP284
OUT B
–IN B
+IN B
V+
OUT A
–IN A
+IN A
V–
14-Lead Epoxy DIP
(P Suffix)
14-Lead Narrow-Body SO
(S Suffix)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OP484
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996


Similar Part No. - OP484FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP484FS AD-OP484FS Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP484FS AD-OP484FS Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP484FS AD-OP484FS Datasheet
675Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP484FS-REEL AD-OP484FS-REEL Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP484FS-REEL AD-OP484FS-REEL Datasheet
675Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
More results

Similar Description - OP484FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
AD8615 AD-AD8615 Datasheet
190Kb / 5P
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP284 AD-OP284_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP484 AD-OP484_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com