Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP249 Datasheet(PDF) 6 Page - Analog Devices

Part # OP249
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP249 Datasheet HTML 2Page - Analog Devices OP249 Datasheet HTML 3Page - Analog Devices OP249 Datasheet HTML 4Page - Analog Devices OP249 Datasheet HTML 5Page - Analog Devices OP249 Datasheet HTML 6Page - Analog Devices OP249 Datasheet HTML 7Page - Analog Devices OP249 Datasheet HTML 8Page - Analog Devices OP249 Datasheet HTML 9Page - Analog Devices OP249 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
OP249
–6–
REV. C
FREQUENCY – Hz
120
1k
100
80
60
40
20
0
–20
10k
100k
1M
10M
100M
0
45
90
135
180
225
TA = +25 C
VS = 15V
RL = 2k
m = 55
GAIN
PHASE
Figure 4. Open-Loop Gain, Phase vs.
Frequency
FREQUENCY – Hz
1k
120
100
80
60
40
20
0
10k
100k
1M
TA = +25 C
VS = 15V
100
10
–PSRR
+PSRR
Figure 7. Power Supply Rejection vs.
Frequency
CAPACITIVE LOAD – pF
35
30
0
25
TA = +25 C
VS = 15V
20
15
10
5
100
200
300
400
500
NEGATIVE
POSITIVE
Figure 10. Slew Rate vs. Capacitive
Load
TEMPERATURE – C
65
60
45
–75
55
50
–50
–25
0
25
50
75
100 125
10
8
2
6
4
VS = 15V
GBW
m
Figure 5. Gain Bandwidth Product,
Phase Margin vs. Temperature
TEMPERATURE – C
28
26
–75
24
–50
–25
0
25
50
75
100 125
VS = 15V
RL = 2k
CL = 50pF
+SR
–SR
22
20
18
16
Figure 8. Slew Rate vs. Temperature
0.1%
SETTLING TIME – ns
0
TA = +25 C
VS = 15V
AVCL = +1
–10
200
400
600
800
1000
0.01%
–8
–6
–4
–2
0
2
4
6
8
10
0.1%
0.01%
Figure 11. Settling Time vs. Step
Size
FREQUENCY – Hz
140
1k
120
100
80
60
40
20
0
10k
100k
1M
10M
TA = +25 C
VS = 15V
100
Figure 6. Common-Mode Rejection
vs. Frequency
DIFFERENTIAL INPUT VOLTAGE – Volts
28
26
0
24
TA = +25 C
VS = 15V
RL = 2k
22
20
18
16
0.2
0.4
0.6
0.8
1.0
Figure 9. Slew Rate vs. Differential
Input Voltage
FREQUENCY – Hz
100
0
100
80
60
40
20
0
TA = +25 C
VS = 15V
1k
10k
Figure 12. Voltage Noise Density vs.
Frequency
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com