Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP249 Datasheet(PDF) 8 Page - Analog Devices

Part # OP249
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP249 Datasheet HTML 4Page - Analog Devices OP249 Datasheet HTML 5Page - Analog Devices OP249 Datasheet HTML 6Page - Analog Devices OP249 Datasheet HTML 7Page - Analog Devices OP249 Datasheet HTML 8Page - Analog Devices OP249 Datasheet HTML 9Page - Analog Devices OP249 Datasheet HTML 10Page - Analog Devices OP249 Datasheet HTML 11Page - Analog Devices OP249 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
OP249
–8–
REV. C
FREQUENCY – Hz
25
20
15
10
0
TA = +25 C
VS = 15V
AVCL = +1
RL = 10k
1k
10k
30
5
100k
1M
10M
Figure 22. Maximum Output Swing
vs. Frequency
SUPPLY VOLTAGE – Volts
0
TA = +25 C
RL = 2k
–20
5
10
15
20
–15
–10
–5
0
5
10
15
20
Figure 25. Output Voltage Swing vs.
Supply Voltage
VOS – V
–600
TA = +25 C
VS = 15V
350
OP249
(700 OP AMPS)
–1k
320
360
280
240
200
160
120
80
40
0
–800
–200
–400
200
0
600
400
800
1k
Figure 28. VOS Distribution
(J Package)
LOAD CAPACITANCE – pF
60
50
40
100
VS = 15V
RL = 2k
VIN = 100mV p-p
30
20
10
0
AVCL = +1
NEGATIVE EDGE
AVCL = +1
POSITIVE EDGE
AVCL = +5
0
200
300
400
500
70
80
90
Figure 23. Small Overshoot vs. Load
Capacitance
TEMPERATURE – C
VS = 15V
NO LOAD
5.2
–75
5.4
5.6
5.8
6.0
–50 –25
0
25
50
75
100 125
Figure 26. Supply Current vs.
Temperature
VOS – V
–600
TA = +25 C
VS = 15V
415
OP249
(830 OP AMPS)
–1k
160
180
140
120
100
80
60
40
20
0
–800
–200
–400
200
0
600
400
800
1k
Figure 29. VOS Distribution
(P Package)
LOAD RESISTANCE –
TA = +25 C
VS = 15V
14
12
10
8
0
100
10k
16
6
1k
+VOHM = |–VOHM |
4
2
Figure 24. Maximum Output Voltage
vs. Load Resistance
SUPPLY VOLTAGE – Volts
TA = +25 C
5.0
5.2
5.4
5.6
5.8
6.0
0
5
10
15
20
TA = +125 C
TA = –55 C
Figure 27. Supply Current vs. Supply
Voltage
V/ C
0.5
VS = 15V
–40 C TO +85 C
(700 OP AMPS)
0
240
270
210
180
150
120
90
60
30
0
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Figure 30. TCVOS Distribution
(J Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com