Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP249 Datasheet(PDF) 9 Page - Analog Devices

Part # OP249
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP249 Datasheet HTML 5Page - Analog Devices OP249 Datasheet HTML 6Page - Analog Devices OP249 Datasheet HTML 7Page - Analog Devices OP249 Datasheet HTML 8Page - Analog Devices OP249 Datasheet HTML 9Page - Analog Devices OP249 Datasheet HTML 10Page - Analog Devices OP249 Datasheet HTML 11Page - Analog Devices OP249 Datasheet HTML 12Page - Analog Devices OP249 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
OP249
–9–
REV. C
V/ C
2
VS = 15V
–40 C TO +85 C
(830 OP AMPS)
0
240
300
210
180
150
120
90
60
30
0
270
4
6
8 10 12 14 16 18 20 22 24
Figure 31. TCVOS Distribution
(P Package)
–15
100
–10
–5
0
5
10
15
COMMON-MODE VOLTAGE – Volts
TA = +25 C
VS = 15V
101
102
103
104
Figure 34. Bias Current vs.
Common-Mode Voltage
TEMPERATURE – C
–75
80
20
0
40
VS = 15V
60
–50 –25
0
25
50
75
100 125
RL = 2k
RL = 10k
Figure 37. Open-Loop Gain vs.
Temperature
TIME AFTER POWER APPLIED – Minutes
1
VS = 15V
0
50
20
30
0
24
40
10
35
Figure 32. Offset Voltage Warm-Up
Drift
TIME AFTER POWER APPLIED – Minutes
2
0
50
20
30
0
48
40
10
610
TA = +25 C
VS = 15V
Figure 36. Bias Current Warm-Up
Drift
TEMPERATURE – C
–75
80
20
0
40
VS = 15V
60
–50 –25
0
25
50
75
100 125
SINK
SOURCE
Figure 38. Short-Circuit Output
Current vs. Junction Temperature
–75
100
1k
10k
10
1
–50
–25
0
25
50
75
100 125
TEMPERATURE – C
VS = 15V
VCM = 0V
Figure 33. Input Bias Current vs.
Temperature
TEMPERATURE – C
–75
80
20
0
40
TA = +25 C
VCM = 0V
60
–50 –25
0
25
50
75
100 125
Figure 36. Input Offset Current vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com