Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD44N4LF6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD44N4LF6
Description  N-channel 40 V, 8.9 mΩ, 44 A DPAK STripFET™VI DeepGATE??Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD44N4LF6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD44N4LF6 Datasheet HTML 3Page - STMicroelectronics STD44N4LF6 Datasheet HTML 4Page - STMicroelectronics STD44N4LF6 Datasheet HTML 5Page - STMicroelectronics STD44N4LF6 Datasheet HTML 6Page - STMicroelectronics STD44N4LF6 Datasheet HTML 7Page - STMicroelectronics STD44N4LF6 Datasheet HTML 8Page - STMicroelectronics STD44N4LF6 Datasheet HTML 9Page - STMicroelectronics STD44N4LF6 Datasheet HTML 10Page - STMicroelectronics STD44N4LF6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STD44N4LF6
Electrical characteristics
Doc ID 17171 Rev 4
7/15
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=20V
ID=40A
25
12
AM08908v1
C
1000
100
10
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
AM08909v1
VGS(th)
0.6
0.4
0.2
0
TJ(°C)
(norm)
-25
0.8
75
25
125
-75
1.0
1.2
ID=250µA
AM08910v1
RDS(on)
2.0
1.5
1.0
0.5
-75
TJ(°C)
(norm)
-25
75
25
125
0
ID=20A
VGS=10V
AM08911v1
VSD
0
10
ISD(A)
(V)
5
25
15
20
0
0.2
0.4
0.6
0.8
1.0
TJ=-55°C
TJ=175°C
TJ=25°C
40
30
35
AM08912v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com