Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD44N4LF6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD44N4LF6
Description  N-channel 40 V, 8.9 mΩ, 44 A DPAK STripFET™VI DeepGATE??Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD44N4LF6 Datasheet(HTML) 4 Page - STMicroelectronics

  STD44N4LF6 Datasheet HTML 1Page - STMicroelectronics STD44N4LF6 Datasheet HTML 2Page - STMicroelectronics STD44N4LF6 Datasheet HTML 3Page - STMicroelectronics STD44N4LF6 Datasheet HTML 4Page - STMicroelectronics STD44N4LF6 Datasheet HTML 5Page - STMicroelectronics STD44N4LF6 Datasheet HTML 6Page - STMicroelectronics STD44N4LF6 Datasheet HTML 7Page - STMicroelectronics STD44N4LF6 Datasheet HTML 8Page - STMicroelectronics STD44N4LF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STD44N4LF6
4/15
Doc ID 17171 Rev 4
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 5.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage VGS= 0
ID = 250 µA
40
-
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 20 V
VDS = 20 V,Tc = 125 °C
-
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
-
±
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
-
2.5
V
RDS(on)
Static drain-source on
resistance
VGS = 5 V, ID = 20 A
VGS = 10 V, ID = 20 A
11.3
8.9
18
12.5
m
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f=1 MHz,
VGS = 0 V
-
1190
200
110
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 20 V, ID = 40 A
VGS = 10 V
(see Figure 14)
-
22
5
4.3
-
nC
nC
nC
RG
Intrinsic gate resistance
f = 1 MHz open drain
-
3.1
-
Ω
Table 7.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 20 V, ID = 20 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
-
8.5
45
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
-
30
8
-
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com