Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2165 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2165
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2165 Datasheet(HTML) 5 Page - Analog Devices

  SSM2165 Datasheet HTML 1Page - Analog Devices SSM2165 Datasheet HTML 2Page - Analog Devices SSM2165 Datasheet HTML 3Page - Analog Devices SSM2165 Datasheet HTML 4Page - Analog Devices SSM2165 Datasheet HTML 5Page - Analog Devices SSM2165 Datasheet HTML 6Page - Analog Devices SSM2165 Datasheet HTML 7Page - Analog Devices SSM2165 Datasheet HTML 8Page - Analog Devices SSM2165 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
REV. A
SSM2165
–5–
THEORY OF OPERATION
Figure 10 illustrates the general transfer characteristic for the
SSM2165 where the output level in dBu is plotted as a function
of the input level in dBu (0 dBu = 0.775 V rms). For input
signals in the range of VDE (Downward Expansion) to VRP
(Rotation Point) an “r” dB change in the input level causes a
1 dB change in the output level. Here, “r” is defined as the
“compression ratio.” The compression ratio may be varied
from 1:1 (no compression) to over 15:1 via a single resistor,
RCOMP. Input signals above VRP are compressed with a fixed
compression ratio of approximately 10:1. This region of opera-
tion is the “limiting region.” Varying the compression ratio has
no effect on the limiting region. The breakpoint between the
compression region and the limiting region is referred to as the
“limiting threshold” or “rotation point,” and is different for the
SSM2165-1 and SSM2165-2, see Table I.
Table I. Characteristics vs. Dash Number
SSM2165
Rotation Point
Gain
Output*
–1
40 mV (–25.7 dBu)
18 dB
320 mV (–6 dBu)
–2
100 mV (–17.7 dBu)
8 dB
250 mV (–8 dBu)
*At limiting.
The term “rotation point” derives from the observation that the
straight line in the compression region “rotates” about this point
on the input/output characteristic as the compression ratio is
changed.
When the compression is set to 2:1, a –2 dB change of the
input signal level in the compression region causes –1 dB
change of the output level. Likewise, at 10:1 compression, a
–10 dB change of the input signal level in the compression
region causes a –1 dB change in the output level. The gain of
the system with an input signal level of VRP is fixed regardless of
the compression ratio, and is different for the SSM2165-1 and
SSM2165-2 (see Figures 1a and 1b). The “nominal gain” of
the system is 18 dB for the SSM2165-1, and 8 dB for the
SSM2165-2. System gain is measured at VRP and is (VOUT – VIN)
in dB.
Input signals below VDE are downward expanded at a ratio of
approximately 1:3. As a result, the gain of the system is small
for very small input signal levels below VDE, even though it may
be quite large for input signals above VDE. The downward
expansion threshold, VDE, is fixed at 500 µV (–64 dBu) for both
dash versions.
APPLICATIONS INFORMATION
The SSM2165 is a complete microphone signal conditioning
system in a single integrated circuit. Designed primarily for
voiceband applications, this integrated circuit provides amplifi-
cation, rms detection, limiting, variable compression, and down-
ward expansion. The internal rms detector has a time constant
set by an external capacitor. An integral voltage-controlled
amplifier (VCA) provides up to 40 dB of gain in the signal path
with approximately 30 kHz bandwidth. The device operates on
a single +5 V supply, accepts input signals up to 1 V
1, and pro-
duces output signal levels at limiting of 320 mV and 250 mV for
the SSM2165-1 and SSM2165-2 respectively, into loads > 5 k
Ω.
The SSM2165 contains an input buffer and automatic gain
control (AGC) circuit for audio and voice band signals. Circuit
operation is optimized by providing user-adjustable compression
ratio and time constant. A downward expansion (noise gating)
feature reduces background and circuit noise below 500
µV.
The rotation point determines the output signal levels before
limiting (referred to the input), and is 40 mV for the SSM2165-1
and 100 mV for the SSM2165-2.
INPUT – dB
LIMITING
REGION
LIMITING
THRESHOLD
(ROTATION POINT)
COMPRESSION
REGION
1
r
1
1
DOWNWARD
EXPANSION
THRESHOLD
(NOISE GATE)
DOWNWARD
EXPANSION
REGION
Vrp
VCA GAIN
VDE
Figure 10. General Input/Output Characteristics of the
SSM2165
10
0%
100
90
20mV
10 s
TA = +25 C
CAVG = 2.2 F
RL = 10k
COMP RATIO = 1:1
VIN = 12.5mV (–1)
VIN = 40mV (–2)
Figure 8. Small Signal Transient Response
10
0%
100
90
10 s
200mV
TA = +25 C
CAVG = 2.2 F
RL = 10k
COMP RATIO = 1:1
VIN = 125mV (–1)
VIN = 400mV (–2)
Figure 9. Large Signal Transient Response
1All signals are in rms volts or dBu (0 dBu = 0.775 V rms).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com