Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2165 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2165
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2165 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2165 Datasheet HTML 2Page - Analog Devices SSM2165 Datasheet HTML 3Page - Analog Devices SSM2165 Datasheet HTML 4Page - Analog Devices SSM2165 Datasheet HTML 5Page - Analog Devices SSM2165 Datasheet HTML 6Page - Analog Devices SSM2165 Datasheet HTML 7Page - Analog Devices SSM2165 Datasheet HTML 8Page - Analog Devices SSM2165 Datasheet HTML 9Page - Analog Devices SSM2165 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REV. A
SSM2165
–8–
Compression Adjustment—A Practical Example
To illustrate how to set the compression ratio of the SSM2165,
we will take a practical example. The SSM2165 will be used
interface an electret-type microphone to a post-amplifier, as
shown in Figure 16. The signal from the microphone was mea-
sured under actual conditions to vary from 2 mV to 30 mV.
The post-amplifier requires no more than 350 mV at its input.
We will therefore choose the SSM2165-1, whose “rotation”
point is 40 mV and whose VCA fixed gain is 18 dB (
×8), thus
giving 320 mV at limiting. From prior listening experience, we
will use a 2:1 compression ratio. The noise gate threshold of the
SSM2165-1 will operate when the input signal falls below 500
µV.
These objectives are summarized in Table II. The transfer charac-
teristic we will implement is illustrated in Figure 18.
Table II. Objective Specification of Example
Input Range
2 mV–30 mV
Output Range
To 350 mV
Limiting Level
320 mV
Compression
2:1
Gain
18 dB
Noise Gate
500
µV
Test Equipment Setup
The recommended equipment and configuration is shown in
Figure 17. A low noise audio generator with a smooth output
adjustment range of 100
µV to 25 mV is a suitable signal
source. The output voltmeter should go up to 2 volts. The
oscilloscope is used to verify that the output is sinusoidal, that
no clipping is occurring in the buffer, and to observe the limit-
ing and noise gating “knees.”
Breadboard Considerations
When building your breadboard, keep the leads to Pins 2 and 3
as short as possible. Use a central analog ground and decouple
power supply connections adequately.
SIGNAL
GENERATOR
SSM2165-1
AC
VOLTMETER
OSCILLOSCOPE
AC
VOLTMETER
Figure 17. Test Equipment Setup
+1
VCAIN
BUFOUT
+5V
V+
+
C2
10 F
BUFFER
LEVEL
DETECTOR
CONTROL
SSM2165-1
C1
0.1 F
GENERATOR
AND AC
VOLTMETER
200k
C3
22 F
AVG CAP
1:1
R1 – COMPRESSION
15:1 RATIO SET
GND
+2V
2k
MICROPHONE
(ELECTRET)
+
CW
HEADPHONES
AC VOLTMETER
AND OSCILLOSCOPE
+
VCA
Figure 16. Electret Microphone Preamp Example
STEP 1. Initialize Potentiometer
With power off, preset R1—Compression Ratio potentiometer
to zero ohms.
STEP 2. Check Setup
With power on, adjust the generator for an input level of
50 mV (–24 dBu), 1 kHz. The output meter should indicate
approximately 350 mV (–6.9 dBu). If not, check your setup.
STEP 3. Find the Rotation Point
Set the input level to 50 mV (–24 dBu), and observe the output
on the oscilloscope. The output will be in the limiting range of
operation. Slowly reduce the input signal level until the output
level just begins to stop limiting and follows the input down.
Increase the input so that the output is 320 mV (–7.7 dBu). You
have located the knee of the rotation point.
STEP 4. Adjust the Compression Ratio
With the input set as in Step 3, note the exact value of the input
signal level just below the knee (around 40 mV (–26 dBu)).
Next, reduce the input to 1/4 the value noted, (around 10 mV
(–38 dBu)), for a change of –12 dB. Next, increase the RCOMP
potentiometer resistance so the output is 160 mV (–13.7 dBu)
for an output change of –6 dB. You have now set the compres-
sion, which is the ratio of input change to output change, in dB,
to 2:1.
STEP 5. Confirm the Noise Gate Threshold
Set the input to 1 mV, and observe the output on the oscillo-
scope. A 20 dB pad between generator and input may facilitate
this measurement. Reduce the input gradually until the output
falls off more rapidly. This point is the noise gate threshold, and
should be approximately 500
µV (–64 dBu). The noise gate
threshold on the SSM2165 is fixed at 500
µV, a practical value
for many microphones. Should you require a different noise gate
threshold, consider using the SSM2166.
STEP 6. Listen
At this time, you may replace the signal generator with a
properly powered electret microphone and listen to the results
through a set of headphones. The microphone’s internal FET
usually requires around +2 V through a 2 k
Ω resistor; this varies
with the manufacturer. Experiment with the compression ratio
value and averaging capacitor size. More compression will keep
the output steady over a wider range of microphone-to-source
distance. Varying the averaging capacitor, CAVG, changes the



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com