Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5903 Datasheet(PDF) 11 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 7Page - Linear Technology LTP5903 Datasheet HTML 8Page - Linear Technology LTP5903 Datasheet HTML 9Page - Linear Technology LTP5903 Datasheet HTML 10Page - Linear Technology LTP5903 Datasheet HTML 11Page - Linear Technology LTP5903 Datasheet HTML 12Page - Linear Technology LTP5903 Datasheet HTML 13Page - Linear Technology LTP5903 Datasheet HTML 14Page - Linear Technology LTP5903 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
LTP5903-WHR Datasheet
Dust Networks
11
7.2
Software Interfaces
The LTP5903-WHR provides well-defined software interfaces for easy integration. Table 20 describes which interfaces are
available via the various hardware ports. This section describes the software interfaces available via the hardware ports
described in section 7.2.1.
Table 20 LTP5903-WHR Software Interfaces
Hardware Port
Software Interface
Comments
Ethernet
XML API, Admin Toolset
Serial 1
<reserved>
Serial 2
Command line interface
7.2.1
XML API
The XML API is an open Extensible Markup Language (XML) interface that lets a client application send Remote Procedure
Call (RPC) requests to the LTP5903-WHR and receive responses and other data from the LTP5903-WHR via XML-RPC.
The API consists of a Control Channel and a Notification Channel. The Control Channel is used to establish connection and
exchange commands and information about the SmartMesh Network. The Notification Channel is used to stream data and
network events to the client program
7.2.2
Admin Toolset
The LTP5903-WHR provides a Web-based administrative tool called Admin Toolset. Through this interface, users may
configure IP settings, view logs, manually configure the system time, or enable the Network Time Protocol (NTP) client.
Users may also update LTP5903-WHR software as well as perform remote software updates on motes in the wireless
network.
7.2.3
Command Line Interface
The command line interface is for troubleshooting with the assistance of Dust Networks support.
8.0
Board-to-board Connectors
The LTP5903-WHR has two 40-pin FCI/Berg 61083-042400LF board-to-board connectors. For connector and pin locations,
see Figure 3 and Figure 4.
8.1
Connector Pin Numbering
Figure 3
Connector Pin Numbering (Bottom View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com