Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5903 Datasheet(PDF) 17 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 11Page - Linear Technology LTP5903 Datasheet HTML 12Page - Linear Technology LTP5903 Datasheet HTML 13Page - Linear Technology LTP5903 Datasheet HTML 14Page - Linear Technology LTP5903 Datasheet HTML 15Page - Linear Technology LTP5903 Datasheet HTML 16Page - Linear Technology LTP5903 Datasheet HTML 17Page - Linear Technology LTP5903 Datasheet HTML 18Page - Linear Technology LTP5903 Datasheet HTML 19Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
LTP5903-WHR Datasheet
Dust Networks
17
10.3
CE Compliance
10.3.1
Declaration of Conformity
We, Dust Networks, of 30695 Huntwood Ave, Hayward, CA 94544 USA, declare under our sole responsibility that our
product, SmartMesh WirelessHART LTP5903-WHR, and in combination with our accessories, to which this declaration
relates is in conformity with the appropriate standards ETSI EN 300 328, ETSI EN 301 489-17 and EN 60950, following the
provisions of Radio Equipment and Telecommunication Terminal Equipment Directive 99/5/EC with requirements covering
EMC Directive 2004/108/EC, and Low Voltage Directive 2006/95/EC.
10.3.2
European Compliance
If the LTP5903-WHR managers are incorporated into a product, the manufacturer must ensure compliance of the final
product to the European harmonized EMC and low-voltage/safety standards. A Declaration of Conformity must be issued for
each of these standards and kept on file as described in Annex II of the R&TTE Directive. Furthermore, the manufacturer
must maintain a copy of this LTP5903-WHR user documentation and ensure the final product does not exceed the specified
power ratings, antenna specifications, and/or installation requirements as specified in the user manual. If any of these
specifications are exceeded in the final product, a submission must be made to a notified body for compliance testing to all
required standards.
10.3.3
OEM Labeling Requirements
The ‘CE’ marking must be affixed to a visible location on the OEM product. The CE mark shall consist of the initials “CE”
taking the following form:
If the CE marking is reduced or enlarged, the proportions given in the drawing below must be respected.
The CE marking must have a height of at least 5 mm except where this is not possible on account of the nature of the apparatus.
The CE marking must be affixed visibly, legibly, and indelibly.
Furthermore, since the usage of the 2400 – 2483.5 MHz band is not harmonized throughout Europe, the Restriction sign must
be placed to the right of the ‘CE’ marking as shown below. See the R&TTE Directive, Article 12 and Annex VII for more
information.
Figure 6
CE Label Requirements
10.3.4
Restrictions
Norway prohibits operation near Ny-Alesund in Svalbard. More information can be found at the Norway Posts and
Telecommunications site (www.npt.no).
10.4
Compliance to Restriction of Hazardous Substances (RoHS)
Restriction of Hazardous Substances (RoHS) is a directive that places maximum concentration limits on the use of cadmium
(Cd), lead (Pb), hexavalent chromium(Cr+6), mercury (Hg), Polybrominated Biphenyl(PBB) and Polybrominated Diphenyl
Ethers (PBDE). Dust Networks is committed to meeting the requirements of the European Community directive 2002/95/EC.
This product has been specifically designed to utilize RoHS compliant materials and to eliminate, or reduce, the use of
restricted materials to comply with 2002/95/EC.
The Dust Networks RoHS compliant design features include:
RoHS compliant solder for solder joints
RoHS compliant base metal alloys
RoHS compliant precious metal plating
RoHS compliant cable assemblies and connector choices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com