Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5903 Datasheet(PDF) 12 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 8Page - Linear Technology LTP5903 Datasheet HTML 9Page - Linear Technology LTP5903 Datasheet HTML 10Page - Linear Technology LTP5903 Datasheet HTML 11Page - Linear Technology LTP5903 Datasheet HTML 12Page - Linear Technology LTP5903 Datasheet HTML 13Page - Linear Technology LTP5903 Datasheet HTML 14Page - Linear Technology LTP5903 Datasheet HTML 15Page - Linear Technology LTP5903 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
12
Dust Networks
LTP5903-WHR Datasheet
8.2
Pinout
Table 22 J10 Board-to-board Connector
Pin
Number
Pin Name
I/O Direction
I/O Level
Interface Name
1
GND
2
GND
3
RX_P
In
10/100Base-T
Ethernet
4
TX_P
Out
10/100Base-T
Ethernet
5
RX_N
In
10/100Base-T
Ethernet
6
TX_N
Out
10/100Base-T
Ethernet
7
RX_CT
In
10/100Base-T
Ethernet
8
TX_CT
Out
10/100Base-T
Ethernet
9
nACT_LED
Out
LVTTL Type 3
LED Status indicators
10
nLINK_LED
Out
LVTTL Type 3
LED Status indicators
11
+3V3
Out
3.3 V ± 5%
3.3 V Out
12
+3V3
Out
3.3 V ± 5%
3.3 V Out
13
Reserved
Do not connect
14
Reserved
Do not connect
15
Reserved
Do not connect
16
Reserved
Do not connect
17
S1_TX
Out
LVTTL Type 1
Serial 1
18
Reserved
Do not connect
19
S1_RX
In
LVTTL Type 1
Serial 1
20
Restore Switch
In*
LVTTL Type 2
Switch In
21
GND
22
nLED_SUB
Out
LVTTL Type 1
LED status indicators
23
Reserved
Do not connect
24
nLED_JOIN
Out
LVTTL Type 1
LED status indicators
25
+3V3
Out
3.3 V ± 5%
3.3 V Out
26
Reserved
Do not connect
27
Reserved
Do not connect
28
Reserved
Do not connect
29
Reserved
Do not connect
30
Reserved
Out
LVTTL Type 1
Do not connect
31
Reserved
Do not connect
32
Reserved
Do not connect
33
GND
34
Reserved
Do not connect
35
Reserved
Do not connect
36
Reserved
Do not connect
37
Reserved
Do not connect
38
Reserved
Do not connect
39
GND
40
GND
* Input includes a debounce input stage as illustrated in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com