Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4613
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTM8001
10
8001f
For more information www.linear.com/8001
BLOCK DIAGRAM
CURRENT
MODE
CONTROLLER
2.2µH
10k
0.2µF
2.2µF
VIN0
RUN
COMP
ILIM
VREF
SYNC
SS
RSENSE
VOUT0
VOUT1
SET1
INTERNAL
REGULATOR
VIN0
GND
RT
FB0
BIAS123
BIAS45 VIN45
1.1A LDO
VOUT2
SET2
1.1A LDO
VOUT3
SET3
1.1A LDO
VOUT4
SET4
1.1A LDO
VOUT5
SET5
8001 BD
1.1A LDO
the absolute maximum voltage rating of 6V through a
resistor, provided the pin current does not exceed 100µA.
FB0 (Pin L5): The LTM8001 regulates its FB0 pin to 1.19V.
Connect the adjust resistor from this pin to ground. The
value of RFB0 is given by the equation:
RFBO =
11.9
VOUT –1.19
where RFB0 is in kΩ.
COMP (Pin L6): Compensation Pin. This pin is generally
not used. The LTM8001 is internally compensated, but
some rare situations may arise that require a modifica-
tion to the control loop. This pin connects directly to the
input PWM comparator of the LTM8001. In most cases,
no adjustment is necessary. If this function is not used,
leave this pin open.
RT (Pin L7): The RT pin is used to program the switch-
ing frequency of the LTM8001 by connecting a resistor
from this pin to ground. The Applications Information
section of the data sheet includes a table to determine the
recommended resistance value and switching frequency.
When using the SYNC function, set the frequency to be
20% lower than the SYNC pulse frequency. Do not leave
this pin open.
ILIM(PinL8):TheILIMpinreducesthemaximumregulated
outputcurrentoftheLTM8001.Themaximumcontrolvolt-
age range is 1.5V. ILIM voltages above 1.5V have little or
no effect. If this function is not used, tie this pin to VREF.
SET1, SET2, SET3, SET4, SET5 (Pins L9, H11, G11, D11,
A9): These pins set the regulation point for each LDO. A
fixed current of 10μA flows out of this pin through a single
external resistor, which programs the output voltage of
the device. Output voltage range is zero to the absolute
maximumratedoutputvoltage.Thetransientperformance
can be improved by adding a small capacitor from the
SET pin to ground.
VOUT1(PinsL10,L11),VOUT2(PinsJ11,K11),VOUT3(Pins
E11,F11),VOUT4(PinsB11,C11),VOUT5(PinsA10,A11):
These are the power outputs of the individual LDOs. There
must be a minimum load current of 1mA or the output may
not regulate. The internal LDOs are rated for positive volt-
ages between their inputs and outputs. Avoid applications
wheretheinternalLDOscanexperienceanegativevoltage,
even during start-up and turn-off transients
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com