Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4613
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTM8001
19
8001f
For more information www.linear.com/8001
and damaging the part. If the input supply is poorly con-
trolled or the user will be plugging the LTM8001 into an
energized supply, the input network should be designed
to prevent this overshoot. This can be accomplished by
installing a small resistor in series to VIN0, but the most
popular method of controlling input voltage overshoot is
to add an electrolytic bulk capacitor to the VIN0 net. This
capacitor’s relatively high equivalent series resistance
damps the circuit and eliminates the voltage overshoot.
The extra capacitor improves low frequency ripple filtering
and can slightly improve the performance of the circuit,
though it may be physically large.
Shorted Input Protection
Care needs to be taken in systems where the VOUT0 out-
put will be held high when the input to the LTM8001 is
absent. If the VIN0 is allowed to float and the RUN pin is
held high (either by a logic signal or because it is tied to
VIN0), then the LTM8001’s internal circuitry will pull its
quiescent current through its internal power switch. This
is fine if your system can tolerate this state. If the RUN pin
is pulled low, the input current will drop to essentially zero.
However, if the VIN0 is grounded while the VOUT0 output is
held high, then parasitic diodes inside the LTM8001 can
pull large currents from the output through the VIN0 pin.
Figure 7 shows a circuit that will run only when the input
voltage is present and that protects against a shorted or
reversed input.
Charging Applications
The LTM8001’s internal switching step-down regula-
tor’s CVCC operation makes it well suited for battery or
supercapacitor charging applications. A schematic of the
LTM8001 charging a supercapacitor and then distribut-
ing power to various loads through the onboard LDOs is
shown in the Typical Applications section. In this applica-
tion, the supercapacitor is charged through the step-down
switching regulator and not the LDOs. Each LDO is rated
for positive and differential voltages between its input
and output, but may experience a negative voltage during
start-up or turn-off transients if its output is connected to
a battery, supercapacitor or energized load. Avoid using
the LTM8001 in applications where the internal LDOs can
experience a negative voltage.
Thermal Considerations
The LTM8001 output current may need to be derated if it
is required to operate in a high ambient temperature. The
amount of current derating is dependent upon the input
voltage, output power and ambient temperature. The
temperature rise curves given in the Typical Performance
Characteristicssectioncanbeusedasaguide.Thesecurves
were generated by the LTM8001 mounted to a 59cm2
4-layer FR4 printed circuit board. Boards of other sizes
and layer count can exhibit different thermal behavior, so
it is incumbent upon the user to verify proper operation
over the intended system’s line, load and environmental
operating conditions.
Forincreasedaccuracyandfidelitytotheactualapplication,
manydesignersusefiniteelementanalysis(FEA)topredict
thermal performance. To that end, the Pin Configuration
of this data sheet typically gives four thermal coefficients:
θJA: Thermal resistance from junction to ambient
θJCbottom: Thermal resistance from junction to the bottom
of the product case
APPLICATIONS INFORMATION
VIN
RUN
RT
VOUT0
GND
8001 F07
LTM8001
VIN
VOUT
Figure 7. The Input Diode Prevents a Shorted Input from
Discharging a Backup Battery Tied to the Output. It Also
Protects the Circuit from a Reversed Input. The LTM8001
Runs Only When the Input is Present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com