Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4613
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTM8001
15
8001f
For more information www.linear.com/8001
Load Current Derating Using the ILIM Pin
In high current applications, derating the maximum
current based on operating temperature may prevent
damage to the load. In addition, many applications have
thermal limitations that will require the regulated current
to be reduced based on the load and/or board tempera-
ture. To achieve this, the LTM8001 uses the ILIM pin to
reduce the effective regulated current in the load. While
ILIM programs the regulated current in the load, it may
also be configured to reduce the regulated current. The
load/board temperature derating is programmed using a
resistor divider with a temperature dependant resistance,
as shown in Figure 2. When the board/load temperature
rises, the ILIM voltage will decrease.
Thermal Shutdown
If the part is too hot, the LTM8001 engages its thermal
shutdown, terminates switching and discharges the soft-
startcapacitor.Whentheparthascooled,thepartautomati-
cally restarts. This thermal shutdown is set to engage at
temperaturesabovethe125°Cabsolutemaximuminternal
operating rating to ensure that it does not interfere with
functionality in the specified operating range. This means
that internal temperatures will exceed the 125°C absolute
maximum rating when the overtemperature protection is
active, possibly impairing the device’s reliability.
UVLO and Shutdown
The LTM8001 VOUT0 step-down regulator has an internal
UVLO that terminates switching, resets all logic, and dis-
charges the soft-start capacitor for input voltages below
4.2V. The LTM8001 also has a precision RUN function
that enables switching when the voltage at the RUN pin
rises to 1.68V and shuts down the LTM8001 when the
RUN pin voltage falls to 1.55V. There is also an internal
current source that provides 5.5μA of pull-down current to
program additional UVLO hysteresis. For RUN rising, the
current source is sinking 5.5µA until RUN = 1.68V, after
which it turns off. For RUN falling, the current source is
off until the RUN = 1.55V, after which it sinks 5.5µA. The
following equations determine the voltage divider resis-
tors for programming the falling UVLO voltage and rising
enable voltage (VENA) as configured in Figure 4.
R2
=
VENA –1.084 UVLO
5.5µA
R1
=
1.55 R2
UVLO–1.55
APPLICATIONS INFORMATION
LTM8001
VREF
RNTC
RX
RV
RV
R2
R1
(OPTION A TO D)
8001 F02
ILIM
B
RNTC
A
RNTC
RX
D
RNTC
C
Figure 2. Load Current Derating vs
Temperature Using an NTC Resistor
VOUT0 Output Overvoltage Protection
The LTM8001 switching regulator uses the FB0 pin to both
regulate the output voltage and to provide a high speed
overvoltage lockout to avoid high voltage output condi-
tions. If the output voltage exceeds 125% of the regulated
voltagelevel(1.5VattheFB0pin),theLTM8001terminates
switching and shuts down switching for a brief period. The
output voltage at which output overvoltage protection en-
gages must be greater than 1.5V and is set by the equation:
VOUT =1.5V 1+
10k
RFB0


where RFB0 is shown in Figure 3.
Iftheoutputovervoltageprotectionengages,theLTM8001
will stop switching. If this is due to some external power
source connected to VOUT0, this source will be free to pull
up VOUT0. If the VOUT0 voltage exceeds the VIN0 input, an
internal power diode will clamp the output to a diode drop
above the input.
LTM8001
VOUT
VOUT
RFB0
8001 F03
FB0
Figure 3. Voltage Regulation and Overvoltage
Protection Feedback Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com