Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7006 Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # 7006
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

7006 Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button 7006 Datasheet HTML 10Page - Aeroflex Circuit Technology 7006 Datasheet HTML 11Page - Aeroflex Circuit Technology 7006 Datasheet HTML 12Page - Aeroflex Circuit Technology 7006 Datasheet HTML 13Page - Aeroflex Circuit Technology 7006 Datasheet HTML 14Page - Aeroflex Circuit Technology 7006 Datasheet HTML 15Page - Aeroflex Circuit Technology 7006 Datasheet HTML 16Page - Aeroflex Circuit Technology 7006 Datasheet HTML 17Page - Aeroflex Circuit Technology 7006 Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
14
Name
Use
VECTOR
Indicates that a transmit VECTOR mode command has been received.
VECTOR DATA is transmitted from VW/CMD WD #2/AMD Register.
DBCREQ
Indicates acceptance of DYNAMIC BUS CONTROL COMMAND REQUEST
Note: RTU will not accept valid DBC mode command unless DBCACC bit
is set low in the OPERATION Register.
RETRY
Indicates that an error has occurred in the data transfer and that a retry will be
performed if the retry option is selected. If all retries that were selected fail,
INVALID TRANSFER INTERRUPT would be asserted on the final failure.
SELF TEST
Indicates that the INITIATE SELF TEST mode command is being serviced.
PASS
Active low pulse output signal which indicates that a sub-system initiated
self-test (on-or off-line) operation has been sucessfully completed. This
interrupt will be issued approximately 90µs after the self-test operation has
been triggered.
Table 6 – Discrete Interrupts Summary (continued)
Bit
Name
Function
0-4
SA BITS
SUBADDRESS BITS
Define SUBADDRESS MESSAGE BLOCK in INTERNAL RAM.
BIT
SUBADDRESS BIT
0
SA0 (LSB)
1
SAl
2
SA2
3
SA3
4
SA4 (MSB)
These bits correspond directly to 1553B definition in the command word.
Although SUBADDRESSES 00000B and 11111B are illegal in 1553B, message
blocks specified by them are both READABLE and WRITABLE by the
SUBSYSTEM. They are not accessible from the 1553B BUS.
5T/R BIT
TRANSMIT/RECEIVE BIT points INPUT/OUTPUT OPERATIONS to either the
TRANSMIT SECTION or RECEIVE SECTION of the INTERNAL RAM.
6
I/O
INPUT/OUTPUT BIT DEFINES DIRECTION OF DATA TRANSFER
1. SET HIGH: INPUT OPERATION
An EXECUTE operation will transfer the Data currently loaded in the input
FIFO buffer to the specified message block (SUBADDRESS) in the internal
RAM.
Between 1 and 32 data words must be loaded in the input FIFO buffer when
using an EXECUTE command with this bit set.
2. SET LOW: OUTPUT OPERATION
EXECUTE operation will transfer a complete block of data (32 words) to the
output FIFO buffer from the specified subaddress of internal RAM.
Table 7 – Operational Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com