Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7006 Datasheet(PDF) 20 Page - Aeroflex Circuit Technology

Part # 7006
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

7006 Datasheet(HTML) 20 Page - Aeroflex Circuit Technology

Back Button 7006 Datasheet HTML 16Page - Aeroflex Circuit Technology 7006 Datasheet HTML 17Page - Aeroflex Circuit Technology 7006 Datasheet HTML 18Page - Aeroflex Circuit Technology 7006 Datasheet HTML 19Page - Aeroflex Circuit Technology 7006 Datasheet HTML 20Page - Aeroflex Circuit Technology 7006 Datasheet HTML 21Page - Aeroflex Circuit Technology 7006 Datasheet HTML 22Page - Aeroflex Circuit Technology 7006 Datasheet HTML 23Page - Aeroflex Circuit Technology 7006 Datasheet HTML 24Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
20
1
CLOCK
6 MHz Master Clock.
42
DATA CHA
DATA CHANNEL A. (BUS 0). This is the combined signals, RX
Data In and TX Data Out, that connect to the IN phase primary
terminal of the Bus Transformer.
40
DATA CHA
DATA CHANNEL A. (BUS 0) This is the combined signals RX
Data In and TX Data Out, that connect to the OUT of phase
primary terminal of the Bus Transformer.
49
DATA CHB
Same as DATA CHA, except for Channel B. (BUS 1).
51
DATA CHB
Same as DATA CHA, except for Channel B. (BUS 1).
64
DB0
I/O DATA BUS. Data Bus for all SUBSYSTEM
READ and WRITE OPERATIONS.
16 BIT MODE
8 BIT MODE
DB0 = LSB
DB0/DB8 = LSB
DB15 = MSB
DB7/DB15 = MSB
When used in 8 BIT MODE the data bus must be
connected as follows:
DB0 TO DB8
DB4 TO DB12
DB1 TO DB9
DB5 TO DB13
DB2 TO DB10
DB6 TO DB14
DB3 TO DB11
DB7 TO DB15
65
DB1
66
DB2
67
DB3
68
DB4
69
DB5
70
DB6
71
DB7
72
DB8
73
DB9
74
DB10
75
DB11
76
DB12
77
DB13
78
DB14
79
DB15
56
DBCREQ
Dynamic Bus Control Request. If OPERATION Register bit i5 is
set LOW, this line will pulse LOW in response to a Valid
Dynamic Bus Control Mode Command, indicating
ACCEPTANCE of Bus Control Function.
90
DS
Device Select. This signal must be low before the interface can
be selected for an I/O Read or Write function. The I/O Data Bus
will remain tri-stated, no operations will be executed when this
signal is high.
60
DONE
Low Pulse Indicates an I/O Operation has completed
Pin #
Signal Name
Signal Description
Table 11 – Pin Number Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com