Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7006 Datasheet(PDF) 25 Page - Aeroflex Circuit Technology

Part # 7006
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

7006 Datasheet(HTML) 25 Page - Aeroflex Circuit Technology

Back Button 7006 Datasheet HTML 21Page - Aeroflex Circuit Technology 7006 Datasheet HTML 22Page - Aeroflex Circuit Technology 7006 Datasheet HTML 23Page - Aeroflex Circuit Technology 7006 Datasheet HTML 24Page - Aeroflex Circuit Technology 7006 Datasheet HTML 25Page - Aeroflex Circuit Technology 7006 Datasheet HTML 26Page - Aeroflex Circuit Technology 7006 Datasheet HTML 27Page - Aeroflex Circuit Technology 7006 Datasheet HTML 28Page - Aeroflex Circuit Technology 7006 Datasheet HTML 29Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
25
Signal Name
Function
A0 - A3
INPUT ADDRESS
A0 = LSB
A3 = MSB
These four signals provide the address codes that control the operation of
the interface.
DS
DEVICE SELECT
Used in conjunction with the address signals. The
input/output interface data bus will remain tri-stated
and no operation will be executed when this signal
is high, regardless of the state of the address signals.
DS = LOW (0) INTERFACE SELECTED
DS = HIGH (1) INTERFACE NOT SELECTED
DB0-DB15
I/O DATA BUS
Data Bus for all SUBSYSTEM READ and WRITE OPERATIONS.
When used in 8 BIT MODE the data bus must be connected as follows:
16/8
PROGRAMS INTERFACE FOR 8 BIT OR 16 BIT DATA BUSES
16/8 = LOW (0)
8 BIT MODE
16/8 = HIGH (1)
16 BIT MODE
MASTER RESET
SYSTEM RESET
When low resets all registers and INPUT/OUTPUT buffers. Minimum Low
Time for reset = 0.5 µsec.
WT
WRITE STROBE
Must GO LOW together with DS to perform a WRITE OPERATION.
NOTE: RD MUST BE HIGH.
RD
READ STROBE
Must GO LOW together with DS to perform a READ OPERATION.
NOTE: WT STROBE MUST BE HIGH.
INTERRUPTS
Refer to DISCRETE INTERRUPT TABLE.
Table 13 – Subsystems Interface Signals
16 BIT MODE
8 BIT MODE
DB0 = LSB
DB0/DB8 = LSB
DB15 = MSB
DB7/DB15 = MSB
DB0 TO DB8
DB4 TO DB12
DB1 TO DB9
DB5 TO DB13
DB2 TO DB10
DB6 TO DB14
DB3 TO DB11
DB7 TO DB15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com