Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORLI10G Datasheet(PDF) 56 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 56 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 52Page - Agere Systems ORLI10G Datasheet HTML 53Page - Agere Systems ORLI10G Datasheet HTML 54Page - Agere Systems ORLI10G Datasheet HTML 55Page - Agere Systems ORLI10G Datasheet HTML 56Page - Agere Systems ORLI10G Datasheet HTML 57Page - Agere Systems ORLI10G Datasheet HTML 58Page - Agere Systems ORLI10G Datasheet HTML 59Page - Agere Systems ORLI10G Datasheet HTML 60Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
56
Agere Systems Inc.
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
M11
AA21
——
Vss
Vss
——
—
Y24
AH32
——
VDD33
VDD33
——
—
W23
AE30
——
I
LVCTAP_3
——
—
M12
AA22
——
Vss
Vss
——
—
N16
D32
——
VDD15
VDD15
——
—
AA25
AG32
——
I
RX_CLK_IN_1_P
—
L10_A0
L10_A0
AA26
AF31
——
I
RX_CLK_IN_1_N
—
L10_A0
L10_A0
—
AF32
——
VDD33
VDD33
——
—
M15
AB13
——
Vss
Vss
——
—
Y23
AC30
——
I
RX_DAT_IN_30_P/
RX_DAT_IN_8_P
—
L11_D0
L11_A0
W24
AD30
——
I
RX_DAT_IN_30_N/
RX_DAT_IN_8_N
—
L11_D0
L11_A0
N17
D34
——
VDD15
VDD15
——
—
Y25
AE31
——
I
RX_DAT_IN_31_P/
RX_DAT_IN_9_P
—
L12_A0
L12_A0
Y26
AE32
——
I
RX_DAT_IN_31_N/
RX_DAT_IN_9_N
—
L12_A0
L12_A0
M16
AB14
——
Vss
Vss
——
—
—
AF33
——
VDD33
VDD33
——
—
W25
AD31
——
I
RX_DAT_IN_32_P/
RX_DAT_IN_10_P
—
L13_D0
L13_A0
V24
AD32
——
I
RX_DAT_IN_32_N/
RX_DAT_IN_10_N
—
L13_D0
L13_A0
P10
F34
——
VDD15
VDD15
——
—
W26
AB30
——
I
LVCTAP_4
——
—
V23
AC31
——
I
RX_DAT_IN_33_P/
RX_DAT_IN_11_P
—
L14_A0
L14_A0
U23
AC32
——
I
RX_DAT_IN_33_N/
RX_DAT_IN_11_N
—
L14_A0
L14_A0
—
AC33
——
VDD33
VDD33
——
—
M17
AB15
——
Vss
Vss
——
—
V25
AB31
——
I
RX_CLK_IN_2_P
—
L15_D0
L15_A0
U24
AB32
——
I
RX_CLK_IN_2_N
—
L15_D0
L15_A0
V26
AA30
——
I
LVCTAP_5
——
—
P11
G33
——
VDD15
VDD15
——
—
U26
AB33
——
VDD33
VDD33
——
—
N13
AB20
——
Vss
Vss
——
—
U25
AA31
——
I
RX_CLK_IN_3_P
—
L16_D0
L16_A0
T24
Y30
——
I
RX_CLK_IN_3_N
—
L16_D0
L16_A0
R23
AA32
——
I
RX_DAT_IN_40_P/
RX_DAT_IN_12_P
—
L17_A0
L17_A0
T23
AA33
——
I
RX_DAT_IN_40_N/
RX_DAT_IN_12_N
—
L17_A0
L17_A0
N14
AB21
——
Vss
Vss
——
—
Note: The pin description for RX_DAT_IN* shows both the naming conventions, 2.5 Gbit/10 Gbit, where only one is valid depending on the
mode of operation.
Pin Information (continued)
Table 20. PBGA Pinout Table (continued)
BM416 BM680
VDDIO
Bank
VREF
Group
I/O
Pin Description
Additional
Function
BM416
Pair
BM680
Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com