Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC274CPWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274CPWRG4
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274CPWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC274CPWRG4 Datasheet HTML 7Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 9Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 10Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 11Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 12Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 13Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 14Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 10 V (unless) otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC274M, TLC279M
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLC274M
VO = 1.4 V,
VIC = 0,
25
°C
1.1
10
mV
VIO
Input offset voltage
TLC274M
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
Full range
12
mV
VIO
Input offset voltage
TLC279M
VO = 1.4 V,
VIC = 0,
25
°C
370
1200
V
TLC279M
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
Full range
4300
µV
αVIO
Average temperature coefficient of input
offset voltage
25
°C to
125
°C
2.2
µV/°C
IIO
Input offset current (see Note 4)
25
°C
0.1
60
pA
IIO
Input offset current (see Note 4)
VO = 5 V,
VIC = 5 V
125
°C
1.8
15
nA
IIB
Input bias current (see Note 4)
VO = 5 V,
VIC = 5 V
25
°C
0.7
60
pA
IIB
Input bias current (see Note 4)
125
°C
10
35
nA
VICR
Common-mode input voltage range
25
°C
0
to
9
− 0.3
to
9.2
V
VICR
Common-mode input voltage range
(see Note 5)
Full range
0
to
8.5
V
25
°C
8
8.5
VOH
High-level output voltage
VID = 100 mV,
RL = 10 kΩ
−55
°C
7.8
8.5
V
VOH
High-level output voltage
VID = 100 mV,
RL = 10 kΩ
125
°C
7.8
8.4
V
25
°C
0
50
VOL
Low-level output voltage
VID = − 100 mV,
IOL = 0
−55
°C
0
50
mV
VOL
Low-level output voltage
VID = − 100 mV,
IOL = 0
125
°C
0
50
mV
Large-signal differential voltage
25
°C
10
36
AVD
Large-signal differential voltage
amplification
VO = 1 V to 6 V,
RL = 10 kΩ
−55
°C
7
50
V/mV
AVD
amplification
VO = 1 V to 6 V,
RL = 10 kΩ
125
°C
7
27
V/mV
25
°C
65
85
CMRR
Common-mode rejection ratio
VIC = VICRmin
−55
°C
60
87
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
125
°C
60
86
dB
Supply-voltage rejection ratio
25
°C
65
95
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
−55
°C
60
90
dB
kSVR
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
125
°C
60
97
dB
VO = 5 V,
VIC = 5 V,
25
°C
3.8
8
IDD
Supply current (four amplifiers)
VO = 5 V,
No load
VIC = 5 V,
−55
°C
6.0
12
mA
IDD
Supply current (four amplifiers)
No load
125
°C
2.5
5.6
mA
† Full range is − 55°C to 125°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com